Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7601 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-7601 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Absolute Maximum Ratings
(No Derating Required up to 85
°C)
Storage Temperature ................................................. -55
°C to +125°C
Operating Temperature ............................................... -40
°C to +85°C
Lead Solder Temperature .............................................. 260
°C for 10 s
(1.6 mm below seating plane)
Average Input Current - IF (See Note 2.) .................................. 20 mA
Reverse Input Voltage - VR .............................................................. 3 V
Supply Voltage - VCC .................................... 7 V (1 Minute Maximum)
Output Collector Current - IO .................................................... 50 mA
Output Collector Power Dissipation ......................................... 85 mW
Output Collector Voltage - VO*........................................................ 7 V
Total Package Power Dissipation ........................................... 250 mW
*Selection for higher output voltage up to 20 V is available.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level
VFL
0
0.8
V
Input Current, High Level
IFH
210
mA
Supply Voltage, Output
VCC
4.5
5.5
V
Fan Out @ RL= 1 k
Ω
N
5
TTL
Loads
Operating Temperature
TA
-40
85
°C
Output Pull-up Resistor
RL
330
4 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com