Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9803 Datasheet(PDF) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # CS9803
Description  PIR CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

CS9803 Datasheet(HTML) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  CS9803 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. CS9803 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. CS9803 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS9803
PIR CONTROLLER
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone:
86-0755-88291843
88304213
Fax : 86-0755-88290509
Email:
jja@sc-tech.cn
Http:// www.sc-tech.cn
15
NII2
2nd stage OP amp positive input
16
UOU2
2nd stage OP amp output
CS9803 Absolute Maximum Ratings
Parameter
SYMBOL
VALUE
Units
POWER SUPPLY Vdd WITH REPECT TO Vss
Vdd-Vss
5.6
V
VOLTAGE ON ANY PIN
-0.3-5.6
V
OPERATING TEMPERATURE
Top
0-70
C
STORAGE TEMPERATURE
-65-150
C
CS9803 ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vdd
SUPPLY VOLTAGE
4.2
5
5.5
V
Ist
STANDY CURRENT
0.9
1.0
1.2
mA
Idd
OPERATING CURRENT
1.8mA, TRIAC 2.5mA,
RELAY
1.8
2.5
mA
Vref
STABLE VOLTAGE
Vdd>4.2V
3.0
3.2
3.4
V
Iref
SOURCE CURRENT OF Vref
200
uA
RIPPLE OF Vref
0.5
mV
INPUT AND OUTPUT
REGULATION OF Vref
0.3%
Ftb
TIME BASE OPERATING
FREQUENCY
15
16
17
KHZ
Vt+
CDS OPERATING TRIGGER
1.3
1.7
2.1
V
Vt-
CDS OPREATING TRIGGER
0.6
0.9
1.1
V
Icds
CDS SOURCE CURRENT
2.6
3.5
4.4
uA
Isource
CDS OUTPUT SOURCE
CURRENT
9
10.4
17.4
mA
Isink
CDS OUTPUT SINK CURRENT
11.6
13
21
mA
Irs
RELAY SOURCE CURRENT
5
mA
Irsink
RELAY SINK CURRENT
5
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com