Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA1621 Datasheet(PDF) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # GA1621
Description  LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

GA1621 Datasheet(HTML) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  GA1621 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. GA1621 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. GA1621 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd. GA1621 Datasheet HTML 4Page - Silvan Chip Electronics Tech.Co.,Ltd. GA1621 Datasheet HTML 5Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GA1621
LCD 驱动电路
GA1621 Pad Coordinates
GA1621 Pad Descriptions
Pad No.
Pad Name
I/O
Description
Chip selection input with pull-high resistor.
When the CS- is logic high, the data and command read from or written to the GA1621
are disabled. The serial interface circuit is also reset. But if CS- is at logic low level and
is input to the CS- pad, the data and command transmission between the host controller
and the GA1621 are all enabled.
1
CS-
I
READ clock input with pull-high resistor.
Data in the RAM of the GA1621 are clocked out on the falling edge of the RD- signal.
The clocked out data will appear on the DATA line. The host controller can use the next
rising edge to latch the clocked out data.
2
RD-
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched into the
GA1621 on the rising edge of the WR-signal.
3
WR-
I
4
DATA
I/O
Serial data input/output with pull-high resistor
5
GND
--
Negative power supply, ground
森川电子科技有限公司
TEL:
0755-88291843
88304213
E-mail: jja@sc-tech.cn
ADD: 深圳市福田滨河路海滨广场福长阁 16 楼
Http:// www.sc-tech.cn
6
OSCO
O
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to generate a
system clock. If the system clock comes from an external clock source, the external
clock source should be connected to the OSCI pad. But if and on-chip RC oscillator is
selected instead, the OSCI and OSCO pads can be left open.
7
OSCI
I
8
VLCD
I
VLCD I LCD power input
9
VDD
--
Positive power supply
10
IRQ
O
Time base or WDT overflow flag, NMOS open drain output
11,12
BZ,BZ-
O
2kHz or 4kHz tone frequency output pair
13~116
COM0~COM3
O
LCD common outputs
48~17
SEG0 ~ 31
O
LCD segment outputs
GA1621 Absolute Maximum Ratings
Storage Temperature ------------------ -50 ℃ ~ 125℃
Supply Voltage ---------------------- -0.3V ~ 5.5V
Operating Temperature ---------------- -25 ℃ ~ 75 ℃
Input Voltage -------- VSS - 0.3V ~ VDD + 0.3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com