Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SLA
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLA Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SLA Datasheet HTML 1Page - Sanyou Corporation Limited SLA Datasheet HTML 2Page - Sanyou Corporation Limited SLA Datasheet HTML 3Page - Sanyou Corporation Limited SLA Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Form A:
30
240
A
VAC
Making
A
VAC
ms
: 80
250
(300
)
Breaking
A
VAC
:20
250
Form B:
15
240
A
VAC
Form C:
20 /10
240
A
A
VAC
Form A:
30 240
,
/
A
VAC Resistive General Use
15 240
A
VAC
1-1/2
240
3/4
120
HP
VAC
HP
VAC
;
TV
VAC
-8 120
30 120
,
/
A
VAC Resistive General Use
Pilot duty
VA
VAC
: 470
, 240
Electronic Ballast
A
VAC
VAC
: 10 277
/120
Form B:
30 120
,
A
VAC General Use
20
240
,
A
VAC General Use
20
120
,
A
VAC Resistive
10
240
,
/
A
VAC Resistive General Use
Pilot duty
VA
VAC
: 275
, 240
Electronic Ballast
A
VAC
VAC
: 5 , 277
/120
1/2
240
1/4
120
HP
VAC
HP
VAC
;
Form C:
..
. .
NO
NC
30 240/120
,
A
VAC Resistive
30 240/120
,
20 240/120
,
A
VAC General Use
A
VAC Resistive
20 240
,
20 240/120
,
A
VAC Resistive
A
VAC General Use
10 240
,
10 240
,
A
VAC Resistive
A
VAC Resistive
1-1/2
240
1/2
240
HP
VAC
HP
VAC
3/4
125/120
1/4
125/120
HP
VAC
HP
VAC
TV
VAC
TV
VAC
-8 120
-3 120
20 240
,
10 240
,
A
VAC General Use
A
VAC General Use
Pilot Duty
VA
VAC
Pilot Duty
VA
VAC
: 470
240
: 275
240
Electronic Ballast
Electronic Ballast
::
10 277
/120
5 277
/120
A
VAC
VAC
A
VAC
VAC
2/3
SLA
6
12
24
48
183.33
91.67
45.83
22.92
6
12
24
48
266.67
133.33
66.67
33.33
1.1W
33
131
524
2095
1.6W
22.5
90
360
1440
Coil Data of H mark (20℃)
a
t
Nominal
voltage
()
VDC
Coil
resistance
10% ( Ω)
Max.
allowable
voltage
Drop out
-
voltage
(.)
Min
Nominal
operating
current
10% (
)
mA
Pick up
-
voltage
(.)
Max
Nominal
operating
power
75 % of
nominal
voltage
5%of
nominal
voltage
5% of
nominal
voltage
75% of
nominal
voltage
130 % of
nominal
voltage
130 % of
nominal
voltage
Coil Data of S mark (20℃)
a
t
Nominal
operating
power
Drop out
-
voltage
(.)
Min
Pick up
-
voltage
(.)
Max
Max.
allowable
voltage
Coil
resistance
10% ( Ω)
Nominal
operating
current
10% (
)
mA
Nominal
voltage
()
VDC
Safety Approval Ratings
(:
,
)
Note More detail of approval ratings please refer to the safety certification
CQC
TUV
UL CUL
/
VDE
40036707
E190598
CQC02001002109
R50143450
Approval
File No.
Approved
ratings
Form A:
30
250
A
VAC
Form B:
15
250
A
VAC
Form C:
20 /10
250
A
A
VAC
Nomenclature
Ordering Information
SLA - S - 1 12 D
Protective Construction
Nil Open type S Flux proofed
:-
,
-
,
M1 F
J
Insulation System
Nil Standard B Class B F Class F
:-
,
-
,
-
Contact Material
Nil AgSnO
AgCdO
:-
, 1-
2
Terminal Type
Nil Standard J Without
terminal
:-
, -
6#
Contact Form
Nil Form C B Form B M Form A
:-
,
-
,
-
Coil Power
D
W H
W
GAP S
W
GAP
: -0.90
, -1.1
,1.5
, -1.6
,1.5
Coil Voltage VDC
(
):05, 06, 09, 12, 15, 18, 24, 48, 110
Number of Poles
Pole
:1-1
-
SH Sealed type washable
Type Designation
SLA
:
SLA
-1
D
J
-F
2/4
30 250
,
A
VAC NO
20 250
, (
)
A
VAC CO test NO
10 250
, (
)
A
VAC CO test NC
Special Parameter Nil Standard type
:-
,
Letter or number Special resquirement
-
-XX
Note
W
GAP and
W
GAP are not suitable for B C type
:1.1
,1.5
1.6
,1.5
/
.
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com