Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SLC
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLC Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SLC Datasheet HTML 1Page - Sanyou Corporation Limited SLC Datasheet HTML 2Page - Sanyou Corporation Limited SLC Datasheet HTML 3Page - Sanyou Corporation Limited SLC Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
SLC
Ordering Information
Outline Dimensions Wiring Diagram P C
,,
. .
(
:
)
unit
mm
Board Layout
Safety Approval Ratings
(:
,
)
Note More detail of approval ratings please refer to the safety certification
CQC
TUV
UL CUL
/
E190598
40036707
CQC02001002109
R50143450
Approval
File No.
Approved
ratings
Form A:
30
250
A
VAC
Form B:
15
250
A
VAC
Form C:
20 /10
250
A
A
VAC
Form B:
15
240
A
VAC
Form C:
20 /10
240
A
A
VAC
Form A:
30
240
A
VAC
Making
A
VAC
ms
: 80
250
(300
)
Breaking
A
VAC
:20
250
2/4
Form A:
40 277
,
;
A
VAC Resistive
;
30 240
,
/
;
A
VAC Resistive General Use
1-1/2
240
;3/4
120
;
HP
VAC
HP
VAC
;
30 120
,
/
;
A
VAC Resistive General Use
Pilot duty
VA
VAC
: 470
, 240
;
Electronic Ballast
A
VAC
VAC
: 10 277
/120
;
Form B:
30 120
,
;
A
VAC General Use
20
240
,
;
A
VAC General Use
20
120
,
;
A
VAC Resistive
10
240
,
/
;
A
VAC Resistive General Use
Pilot duty
VA
VAC
: 275
, 240
;
Electronic Ballast
A
VAC
VAC
: 5 , 277
/120
;
1/2
240
;1/4
120
;
HP
VAC
HP
VAC
Form C
N O
N C
:. .
. .
30 240/120
,
A
VAC Resistive
30 240/120
,
20 240/120
,
A
VAC General Use
A
VAC Resistive
20 240
,
20 240/120
,
A
VAC Resistive
A
VAC General Use
10 240
,
10 240
,
A
VAC Resistive
A
VAC Resistive
1-1/2
240
1/2
240
HP
VAC
HP
VAC
3/4
125/120
1/4
125/120
HP
VAC
HP
VAC
TV
VAC
TV
VAC
-8 120
-3 120
20 240
,
10 240
,
A
VAC General Use
A
VAC General Use
Pilot Duty
VA
VAC
Pilot Duty
VA
VAC
: 470
240
: 275
240
Electronic Ballast
Electronic Ballast
::
10 277
/120
5 277
/120
A
VAC
VAC
A
VAC
VAC
15 240
A
VAC
TV
VAC
-8 120
VDE
30 250
,
A
VAC NO
20 250
, (
)
A
VAC CO test NO
10 250
, (
)
A
VAC CO test NC
Insulation System
Nil Standard B Class B F Class F
:-
, -
, -
COM Flat quick connect terminals
-:
Nil Yoke and flat quick connect terminal is one part
--
;
P Yoke rivet flat quick connect terminal only for SLC K
--
-
Contact Material
Nil AgSnO
AgCdO
:
-
2, 1-
Contact Form
Nil Form C B Form B M Form A
:-
,
-
,
-
Coil Power
D
W
: -0.90
Coil Voltage VDC
(
):05, 06, 09, 12, 15, 18, 24, 48, 110
Number of Poles
Pole
:1-1
Protective Construction S Flux proofed SH sealed type washable
:-
,
-
Type Designation
SLC
:
Special Parameter
Nil Standard type
:-
,
Letter or number Special requirement
-
Nomenclature
Terminal position
Nil COM terminal and NC NO terminal on the same side
:-
/
K COM terminal and NC NO terminal on the opposite side
-/
SLC -S - 1 12 D
M
1 -
-
G P
- XX
K
-F
Paraneter sign
Nil Standard G High contact load Double layer spring
:-
, -
,
-
,
Ø5.0 Contact
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com