Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLI Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SLI
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLI Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SLI Datasheet HTML 1Page - Sanyou Corporation Limited SLI Datasheet HTML 2Page - Sanyou Corporation Limited SLI Datasheet HTML 3Page - Sanyou Corporation Limited SLI Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Insulation System
Nil Standard B Class B F Class F
:-
, -
, -
Contact Material
Nil AgSnO
AgCdO
:-
, 1-
2
Contact Form
Nil Form C B Form B M Form A
:-
,
-
,
-
Coil Power
D
W
: -0.90
Coil Voltage VDC
(
):05, 06, 09, 12, 15, 18, 24, 48, 110
Number of Poles
Pole
:1-1
Protective Construction
S Flux proofed SH sealed type washable
:-
,
-
Type Designation
SLI
:
Special Parameter
Nil Standard type
:-
,
Letter or number Special requirement
-
SLI
Ordering Information
Nomenclature
Outline Dimensions Wiring Diagram P C
,,
. .
(:
)
unit
mm
Board Layout
Safety Approval Ratings
(:
,
)
Note More detail of approval ratings please refer to the safety certification
CQC
TUV
UL CUL
/
E190598
40036707
CQC02001002109
R50143450
Form A:
30
250
A
VAC
Form B:
15
250
A
VAC
Form C:
20 /10
250
A
A
VAC
Approval
File No.
Approved
ratings
Form A:
30
240
A
VAC
Making
A
VAC
ms
: 80
250
(300
)
Breaking
A
VAC
:20
250
Form B:
15
240
A
VAC
Form C:
20 /10
240
A
A
VAC
Form A:
40 277
,
A
VAC Resistive
30 240
,
A
VAC Resistive
15 240
A
VAC
1-1/2
240
HP
VAC
3/4
120
HP
VAC
TV
VAC
-8 120
30 240
,
A
VAC General Use
Pilot duty
VA
VAC
: 470
, 240
Electronic Ballast
A
VAC
VAC
: 10 277
/120
Form B:
30 120
,
A
VAC General Use
10 240
,
A
VAC Resistive
10 240
,
A
VAC General Use
Pilot duty
VA
VAC
: 275
, 240
Electronic Ballast A
VAC
VAC
: 5 , 277
/120
Form C:
..
. .
NO
NC
20 240
,
A
VAC Resistive
10 240
,
10 240
,
A
VAC Resistive
A
VAC Resistive
1-1/2
240
1/2
240
HP
VAC
HP
VAC
3/4
125
1/4
125
HP
VAC
HP
VAC
TV
VAC
TV
VAC
-8 120
-3 120
20 240
,
10 240
,
A
VAC General Use
A
VAC General Use
Pilot Duty
VA
VAC
Pilot Duty
VA
VAC
: 470
240
: 275
240
Electronic Ballast
Electronic Ballast
::
10 277
/120
5 277
/120
A
VAC
VAC
A
VAC
VAC
Terminal position
Nil COM terminal and NC NO terminal on the same side
:-
/
K COM terminal and NC NO terminal on the opposite side
-/
SLI - S - 1 12
D
M
1
-
-
P
F -XX
K
UL CUL
/
VDE
30 250
,
A
VAC NO
20 250
, (
)
A
VAC CO test NO
10 250
, (
)
A
VAC CO test NC
COM Flat quick connect terminals
-:
Nil Yoke and flat quick connect terminal is one part
--
;
P Yoke rivet flat quick connect terminal only for SLI K
--
-
- G
Parameter sign Nil Standard G High contact load Double layer spring
:-
, -
,
-
,Ø5.0 Contact
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com