Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SMF
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SMF Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SMF Datasheet HTML 1Page - Sanyou Corporation Limited SMF Datasheet HTML 2Page - Sanyou Corporation Limited SMF Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMF
CQC13002089403
E179745
Safety Approval Ratings
(:
,
)
Note More detail of approval ratings please refer to the safety certification
Approval
File No.
Approved ratings
40031353
16
277
A
VAC
CQC
VDE
UL CUL
/
10% (
)
mA
%(Ω)
Max
allowable
voltage
.
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
5
6
9
12
15
18
24
48
60
110
81.00
67.00
45.00
33.00
26.00
22.00
17.00
8.00
6.70
3.60
63
90
203
360
562
810
1440
5,760
8,570
28,800
Coil Data at
(2 0
)
℃
150%of
nominal
voltage
75 % of
nominal
voltage
5%of
nominal
voltage
0.40W
(. )
Approx
SMF -- 1 1 2
SD
M
Ordering Information
Nomenclature
H1 -
XX
Special Parameter
Nil Standard type
:-
,
Insulation System
Nil Standard B Class B F Class F
:-
,
-
,
-
Coil Power
D
W
:- 0 . 4
Coil Voltage VDC
(
): 05, 06, 09, 12,15, 18, 24, 48, 60.110
Number of Poles
Pole
:1-1
Protective Construction
S Flux proofed
:-
SH Sealed type washable
-
Type Designation
S
: MF
Contact Capacity:
Contact Form
B Form B M Form A
:-
,
-
Letter or number Special requirement
-
V
Vertical quick terminal
H
Horizontal quick terminal
:
:
16
277
AVAC
16
277
A
VAC
coil
resistance
Nominal
operating
current
Contact Material
Nil AgNi
AgSnO2
:-
, 1-
F
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com