Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-2P Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SML-2P
Description  Miniature High Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SML-2P Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SML-2P Datasheet HTML 1Page - Sanyou Corporation Limited SML-2P Datasheet HTML 2Page - Sanyou Corporation Limited SML-2P Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SML -S -1
12 D
M
1
--
FXX
SML P
-2
2/3
CQC
VDE
UL
Coil Voltage VDC
(
): 05, 06, 09, 12, 18, 24, 48, 60
Contact Material
Nil AgNi and AgSnO
AgSnO
:
-
,1-
,
22
CQC17002172132
40046848
E190598
SML
DW
- 0.36
2-AgNi and
2-2
,-
+
AgSnO
u lated
AgSnO
Au plated
22
+3
Ap
ratings
5A 250VAC
5A 2
VAC
50
3A 2
VAC
50
5A 250VAC
3A 250VAC
3A 250VAC
(1)
(2)
(3)
The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will
be different. If more details are required, please contact us.
For sealed type testing, please open the ventilation hole of case before test.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com