Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SPA
Description  Miniature Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SPA Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SPA Datasheet HTML 1Page - Sanyou Corporation Limited SPA Datasheet HTML 2Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
SPA
SPA -S - 1 12
D
M
1
- F -XX
CQC
CQC02001002127
TUV
10A 250VAC
R50139459
10A 250VAC
10A 30VDC
UL/CUL
E179745
15A 125VAC,Resistive
10A 250VAC,Resistive
5A
Use
125VAC,General
10
,
A
Resistive
24VDC
10.16
2.1
17.78
2-Ф1
Ф1.6
Safety Approval Ratings
Approval
File No.
Approved ratings
Nomenclature
Ordering Information
Outline Dimensions, Wiring Diagram, P.C. Board Layout (unit:mm)
Wiring Diagram (bottom view)
P.C.B. Layout (bottom view)
Unless otherwise specified:
If dimension <1mm, tolerance: 0 .2mm;
If dimension 1~5mm, tolerance: 0 .3mm;
If dimension >5mm, tolerance: 0 .4mm.
Note: 1. Extended terminal dimension is dimension before soldering.
2. Tolerance of P.C.B. layout: 0 .1mm.
Typical Applications
● Home appliances, office equipment, instrument
Insulation System:Nil-Standard, B-Class B, F-Class F
Contact Material:Nil-AgSnO , 1-AgCdO,
2
Contact Form:M-Form A
Coil Power:D-0.20W/0.34W (48V)
Coil Voltage (VDC):03, 05, 06, 09, 12, 18, 24, 48
Number of Poles:1-1 Pole
Protective Construction:S-Flux proofed,
SH-Sealed type washable
Type Designation:SPA
Special Parameter:Nil-Standard type,
01-compound contact
(Note More detail of approval ratings please refer to the safety certification.)
:,
,
Sanyou Corporation Limited All rights of Sanyou to reserved
16A 125/250/277VAC 16A 125/250/277VAC
16A 125/250/277VAC,Resistive
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
2-φ4.0
3-φ4.0
AgSnO
AgNi+AgSnO
22
,
(4) Composite contact product safety certification is executing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com