Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRB Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SRB
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRB Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SRB Datasheet HTML 1Page - Sanyou Corporation Limited SRB Datasheet HTML 2Page - Sanyou Corporation Limited SRB Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
Approval
File No.
Approved
Ratings
Safety Approval Ratings
(:
,
)
Note More detail of approval ratings please refer to the safety certification
CQC
CQC07001019820
TUV
R50138320
5
277
A
VAC
3
277
A
VAC
5
277
A
VAC
5
277
A
VAC
3
277
A
VAC
Ordering Information
nomenclature
SRB -S - 1 12
D
M
1 - F - XX
5 277
,
A
VAC
Resistive
3 277
,
A
VAC
Resistive
330
,
A
VDC
Resistive
5 250
,
A
VAC
Resistive
3 250
,
A
VAC
Resistive
5 250
,
A
VAC
General Use
3 250
,
A
VAC
General Use
1/ 8
240
HP
VAC
UL CUL
/
E190598
SRB
(.)
Max
(.)
Min
130 % of
nominal
voltage
75 % of
nominal
voltage
5%of
nominal
voltage
0.36W
(20℃)
at
5
6
9
12
18
24
CoilData
72.00
60.00
40.00
30.00
20.00
15.00
69
100
225
400
900
1,600
-3, 120
TV
VAC
VDE
40033402
3
277
A
VAC
:(1)
-
,
,
Note
AgNi BT is compound contact of silver and copper so the head of the contact is AgNi
.
and the tail of the contact is Cu
Nominal
opersting
power
Nominal
operating
current
10%(
)
m
A
Nominal
voltage
()
VDC
coil
resistance
Max.
allowable
voltage
Pick up
-
voltage
Drop out
-
voltage
(1)
,2-
-
AgNi BT
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com