Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SRC
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRC Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SRC Datasheet HTML 1Page - Sanyou Corporation Limited SRC Datasheet HTML 2Page - Sanyou Corporation Limited SRC Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TUV
SRC
Approx
.
0.36W
130%of
nominal
voltage
75%of
nominal
voltage
5%of
nominal
voltage
Coil Data
Safety Approval Ratings
(Note:More detail of approval ratings,please refer to the safety certification)
Approval
Approved
ratings
Ordering Information
Special Parameter:Nil-Standard type
Insulation System:Nil-Standard, B-Class B, F-Class F
Contact Material:Nil-AgSnO2,2-
,3-
2+
,4-
AgNi
AgSnO
AU
AgNi+AU
Contact Form:M-Form A
Coil Power: D-0.20W, H-0.36W
Coil Voltage (VDC):05, 06, 09, 12, 18, 24
Number of Poles:1-1 Pole
Protective Construction:S-Flux proofed,
SH-Sealed type washable
Type Designation:SRC/SRCH(High load model)
Nomenclature
(at 20℃)
VDE
CQC13002089945
E179745
R50252208
40045446
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com