Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRDI Datasheet(PDF) 4 Page - Sanyou Corporation Limited

Part # SRDI
Description  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRDI Datasheet(HTML) 4 Page - Sanyou Corporation Limited

  SRDI Datasheet HTML 1Page - Sanyou Corporation Limited SRDI Datasheet HTML 2Page - Sanyou Corporation Limited SRDI Datasheet HTML 3Page - Sanyou Corporation Limited SRDI Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
SRDI
60
50
40
30
20
10
10A
7A
0A
0
80
90
100
110
120
130
Typical Applications
Characteristic Curves
●
●
●
●
Home appliances such as air conditioner, heater, etc.
Automat
Office equipment such as computer, fax machine, etc.
Automatic eletric controlled window, automotive antenna, door lock, etc.
Contact Current(A)
Endurance Curve
Contact Voltage(V)
Max. Switching Power
Percentage of Nominal Coil Voltage
Coil Temp. Rise
100
10
1
10
100
1000
AC(1a)
AC(1c)
DC
0
100
50
10
5
28
,250
VDC
VAC
1a
1c
0
5
10
15
P.C.B. Layout (bottom view)
Wiring Diagram (bottom view)
Tolerance of P.C.B. layout
: 0.1
.
mm
Sanyou Corporation Limited, All rights of Sanyou to reserved.
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the user should
in a right position to choose the suitable product for their own application.For sealed relays after installation and cleaning,
However it is the user's responsibility to determine which product should be used only.
please open the vent hole on the case before use.If there is any query,please contact Sanyou for the technica service.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com