Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRDI-DM Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SRDI-DM
Description  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRDI-DM Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SRDI-DM Datasheet HTML 1Page - Sanyou Corporation Limited SRDI-DM Datasheet HTML 2Page - Sanyou Corporation Limited SRDI-DM Datasheet HTML 3Page - Sanyou Corporation Limited SRDI-DM Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(20℃)
at
Coil Data
2/4
SRDI
CQC02001002126
Safety Approval Ratings
(Note:More detail of approval ratings,please refer to the safety certification)
Approval
File No.
Approved
ratings
7A 250VAC
5A 240VAC
10A 250VAC
(Form A &
Form C NO)
E190598
40034479
Contact code 2 o rNil:
10
250
(
,
)
AVAC Form C NO
7 250
(
,
)
A
VAC Form CNO
6A 250VAC Form C
NC
(,
)
Contact code
or blank
2:
10A 250VAC(Form A)
7 250
(
)
A
VAC Form A
Contactcode 3
:
10
250
(
,
)
A
VAC Form C NO
7 250
(
,
)
A
VAC Form C NO
6 250
(
,
)
A
VAC Form C NC
Contact code
3:
10
250
(
)
A
VAC Form A
7 250
(
)
A
VAC Form A
CQC
VDE
UL/CUL
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
(VDC)
3
5
6
9
12
15
18
24
48
60
120.00
71.42
60.00
40.00
30.00
24.00
20.00
15.00
7.50
6.00
25
70
100
225
400
625
900
1,600
6,400
10,000
130%of
nominal
voltage
75%of
nominal
voltage
5%of
nominal
voltage
0.36W
contact code
Form C or Nil Form A or Form B
2(
)
(
):
contact code
Form A or Form B or Nil
Form C
2(
)
(
):
contact code
or
13:
contactcode
4:
contactcode
5:
10 250
/28
,
A
VAC
VDC
Generaluse
NO
Resistive&
,
7 250
,
A
VAC
Generaluse
NO&NC
Resistive&
,
7 250
,
A
VAC
Generaluse
NO&NC
Resistive&
,
10 250
,
A
VAC
Generaluse
NO
Resistive&
,
10 250
,
A
VAC
Generaluse
NO
Resistive&
,
10 250
/28
,
A
VAC
VDC
Generaluse
NO
Resistive&
,
,,
TV-3
120VAC
NO
,,
TV-3
120VAC
NO
12 125
,
,
&
A
VAC
Resistive NO
NC
15 125
,
,
A
VAC
Resistive NO
10 250
,
,
A
VAC
Resistive NO
7 250
,
,
&
A
VAC
General use NO
NC
3 125
,
A
VAC
General
Use,NO&NC
10 /6 28
,
,
/
A
A
VDC
General use NO NC
,,
10A/6A 250VAC
General use
NO/NC
,,
10A/6A 125VAC
General use
NO/NC
,,
TV-5
120VAC
NO
,,
TV-3
120VAC
NO
1/3HP 250VAC,NO&NC
:,
Pilot Duty
240VA
240VAC
FLA 5A, LRA 10A, 120/ 240VAC, NO
1/3HP 250VAC,NO
1/3HP 250VAC,NO
FLA 5A, LRA 10A, 120/ 240VAC, NO
FLA 5A, LRA 10A, 120/ 240VAC, NO
12A/
,
Generaluse
NO
15A 125VAC
Resistive&
,
12A/
,
Generaluse
NO
15A 125VAC
Resistive&
,
contactcode
Form A or Form C)
6:(
10A 277VAC,Resistive&General use ,NO
10A 277VAC,Resistive&General use ,NC
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com