Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5L45 Datasheet(PDF) 2 Page - PFC Device Inc.

Part # PFS5L45
Description  5A 45V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5L45 Datasheet(HTML) 2 Page - PFC Device Inc.

  PFS5L45 Datasheet HTML 1Page - PFC Device Inc. PFS5L45 Datasheet HTML 2Page - PFC Device Inc. PFS5L45 Datasheet HTML 3Page - PFC Device Inc. PFS5L45 Datasheet HTML 4Page - PFC Device Inc. PFS5L45 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics
Version 4.1
2 / 5
www.pfc-device.com
PFS5L45
1. Characteristics
Maximum Ratings Characteristics
( TA = 25
oC unless otherwise specified )
Parameter
Symbol
Values
Units
DC Blocking Voltage
VRM
45
Volts
Working Peak Reverse Voltage
VRWM
Peak Repetitive Reverse Voltage
VRRM
Average Rectified Forward Current
Io
5
Amps
(Rated VR-20Khz Square Wave) - 50% duty cycle
Peak Forward Surge Current - 1/2 60hz
IFSM
120
Amps
Peak Repetitive Reverse Surge Current
(2uS-1Khz)
IRRM
2
Amps
Typical Thermal Resistance
RθJc
20
oC / W
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/uS
Operating Junction Temperature
TJ
- 65 to +150
oC
Storage Junction Temperature
TSTG
- 65 to +150
Electrical Characteristics
( TA = 25
oC unless otherwise specified )
Parameter
Test Conditions
Symbol
Typ.
Max.
Units
Instantaneous
Forward Voltage
IF = 5 A
TJ = 25
oC
VF*
0.47
0.51
Volts
TJ = 125
oC
0.44
----
Instantaneous
Reverse Current
At
VRM
TJ = 25
oC
IR*
----
500
uA
TJ = 125
oC
----
100
mA
* Pulse width < 300 uS, Duty cycle < 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com