Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5L60 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS5L60
Description  5A 60V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5L60 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS5L60 Datasheet HTML 1Page - PFC Device Inc. PFS5L60 Datasheet HTML 2Page - PFC Device Inc. PFS5L60 Datasheet HTML 3Page - PFC Device Inc. PFS5L60 Datasheet HTML 4Page - PFC Device Inc. PFS5L60 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5A 60V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
PFS5L60
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
5
A
VRRM
60
V
VF@ 5A , Tj=125
oC
0.43
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS5L60
DO-201AD


Similar Part No. - PFS5L60

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS5L150 PFC-PFS5L150 Datasheet
561Kb / 5P
5A 150V MOS Schottky Rectifier
PFS5L200 PFC-PFS5L200 Datasheet
561Kb / 5P
5A 200V MOS Schottky Rectifier
PFS5L300 PFC-PFS5L300 Datasheet
562Kb / 5P
5A 300V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5L45 PFC-PFS5L45 Datasheet
565Kb / 5P
5A 45V MOS Schottky Rectifier
More results

Similar Description - PFS5L60

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB560PH KODENSHI-SDB560PH Datasheet
302Kb / 5P
60V, 5A POWER SCHOTTKY RECTIFIER
SDB560PH-1 KODENSHI-SDB560PH-1 Datasheet
302Kb / 5P
60V, 5A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P5L60B PFC-P5L60B Datasheet
644Kb / 5P
5A 60V MOS Schottky Rectifier
P5L60F-A PFC-P5L60F-A Datasheet
660Kb / 5P
5A 60V MOS Schottky Rectifier
P5L60SP PFC-P5L60SP Datasheet
720Kb / 5P
5A 60V MOS Schottky Rectifier
PFS5A60 PFC-PFS5A60 Datasheet
564Kb / 5P
5A 60V MOS Schottky Rectifier
PFS5V60 PFC-PFS5V60 Datasheet
565Kb / 5P
5A 60V MOS Schottky Rectifier
PFS560 PFC-PFS560 Datasheet
560Kb / 5P
5A 60V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD5U60SL LUGUANG-SD5U60SL Datasheet
2Mb / 4P
5A/60V Low VF Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP5M60SH TSC-TSUP5M60SH Datasheet
432Kb / 5P
5A, 60V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com