Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5L150 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS5L150
Description  5A 150V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5L150 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS5L150 Datasheet HTML 1Page - PFC Device Inc. PFS5L150 Datasheet HTML 2Page - PFC Device Inc. PFS5L150 Datasheet HTML 3Page - PFC Device Inc. PFS5L150 Datasheet HTML 4Page - PFC Device Inc. PFS5L150 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5A 150V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
PFS5L150
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
5
A
VRRM
150
V
VF@ 5A , Tj=125
oC
0.68
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS5L150
DO-201AD


Similar Part No. - PFS5L150

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS5L200 PFC-PFS5L200 Datasheet
561Kb / 5P
5A 200V MOS Schottky Rectifier
PFS5L300 PFC-PFS5L300 Datasheet
562Kb / 5P
5A 300V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5L45 PFC-PFS5L45 Datasheet
565Kb / 5P
5A 45V MOS Schottky Rectifier
PFS5L60 PFC-PFS5L60 Datasheet
564Kb / 5P
5A 60V MOS Schottky Rectifier
More results

Similar Description - PFS5L150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SRL5150 SECOS-SRL5150 Datasheet
196Kb / 2P
5A, 150V Low VF Trench MOS Barrier Schottky Rectifier
logo
PFC Device Inc.
P3L150A PFC-P3L150A Datasheet
693Kb / 5P
3A 150V MOS Schottky Rectifier
P5L150B PFC-P5L150B Datasheet
641Kb / 5P
5A 150V MOS Schottky Rectifier
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
5A 150V MOS Schottky Rectifier
P5L150SP PFC-P5L150SP Datasheet
673Kb / 5P
5A 150V MOS Schottky Rectifier
P5150A PFC-P5150A Datasheet
693Kb / 5P
5A 150V MOS Schottky Rectifier
P5150F-A PFC-P5150F-A Datasheet
665Kb / 5P
5A 150V MOS Schottky Rectifier
PFR10V150CT PFC-PFR10V150CT Datasheet
779Kb / 7P
10A 150V MOS Schottky Rectifier
PFR20V150CT PFC-PFR20V150CT Datasheet
775Kb / 7P
20A 150V MOS Schottky Rectifier
PFR30L150CT PFC-PFR30L150CT Datasheet
777Kb / 7P
30A 150V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com