Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5L300 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS5L300
Description  5A 300V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5L300 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS5L300 Datasheet HTML 1Page - PFC Device Inc. PFS5L300 Datasheet HTML 2Page - PFC Device Inc. PFS5L300 Datasheet HTML 3Page - PFC Device Inc. PFS5L300 Datasheet HTML 4Page - PFC Device Inc. PFS5L300 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5A 300V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
PFS5L300
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
5
A
VRRM
300
V
VF@ 5A , Tj=125
oC
0.72
V, typ.
TJ Operating Junction
Temperature
-65 to +175
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
175
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS5L300
DO-201AD


Similar Part No. - PFS5L300

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS5L150 PFC-PFS5L150 Datasheet
561Kb / 5P
5A 150V MOS Schottky Rectifier
PFS5L200 PFC-PFS5L200 Datasheet
561Kb / 5P
5A 200V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5L45 PFC-PFS5L45 Datasheet
565Kb / 5P
5A 45V MOS Schottky Rectifier
PFS5L60 PFC-PFS5L60 Datasheet
564Kb / 5P
5A 60V MOS Schottky Rectifier
More results

Similar Description - PFS5L300

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P3L300A PFC-P3L300A Datasheet
698Kb / 5P
3A 300V MOS Schottky Rectifier
P3L300B PFC-P3L300B Datasheet
644Kb / 5P
3A 300V MOS Schottky Rectifier
P3L300F-A PFC-P3L300F-A Datasheet
667Kb / 5P
3A 300V MOS Schottky Rectifier
P5300A PFC-P5300A Datasheet
693Kb / 5P
5A 300V MOS Schottky Rectifier
P5300F-A PFC-P5300F-A Datasheet
666Kb / 5P
5A 300V MOS Schottky Rectifier
PFR10V300CT PFC-PFR10V300CT Datasheet
778Kb / 7P
10A 300V MOS Schottky Rectifier
PFR20L300CT PFC-PFR20L300CT Datasheet
777Kb / 7P
20A 300V MOS Schottky Rectifier
PFR40L300CT PFC-PFR40L300CT Datasheet
776Kb / 7P
40A 300V MOS Schottky Rectifier
PFR60L300PT PFC-PFR60L300PT Datasheet
665Kb / 6P
60A 300V MOS Schottky Rectifier
PFR20300CT PFC-PFR20300CT Datasheet
780Kb / 7P
20A 300V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com