Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5V45 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS5V45
Description  5A 45V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5V45 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS5V45 Datasheet HTML 1Page - PFC Device Inc. PFS5V45 Datasheet HTML 2Page - PFC Device Inc. PFS5V45 Datasheet HTML 3Page - PFC Device Inc. PFS5V45 Datasheet HTML 4Page - PFC Device Inc. PFS5V45 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5A 45V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
PFS5V45
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
5
A
VRRM
45
V
VF@ 5A , Tj=125
oC
0.38
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Ultra Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for ultra-low forward voltage
drop to maximize efficiency in Power Supply
applications
PFS5V45
DO-201AD


Similar Part No. - PFS5V45

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS5V60 PFC-PFS5V60 Datasheet
565Kb / 5P
5A 60V MOS Schottky Rectifier
More results

Similar Description - PFS5V45

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P5L45B PFC-P5L45B Datasheet
640Kb / 5P
5A 45V MOS Schottky Rectifier
P5L45F-A PFC-P5L45F-A Datasheet
663Kb / 5P
5A 45V MOS Schottky Rectifier
P5V45BF PFC-P5V45BF Datasheet
683Kb / 5P
5A 45V MOS Schottky Rectifier
P5V45SP PFC-P5V45SP Datasheet
723Kb / 5P
5A 45V MOS Schottky Rectifier
P10V45SP PFC-P10V45SP Datasheet
723Kb / 5P
10A 45V MOS Schottky Rectifier
P15L45SP PFC-P15L45SP Datasheet
726Kb / 5P
15A 45V MOS Schottky Rectifier
PFR30A45CT PFC-PFR30A45CT Datasheet
775Kb / 5P
30A 45V MOS Schottky Rectifier
PFS5L45 PFC-PFS5L45 Datasheet
565Kb / 5P
5A 45V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD545SL LUGUANG-SD545SL Datasheet
9Mb / 4P
5A/45V Low VF Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP5M45SH TSC-TSUP5M45SH Datasheet
432Kb / 5P
5A, 45V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com