Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS10L45 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS10L45
Description  10A 45V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS10L45 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS10L45 Datasheet HTML 1Page - PFC Device Inc. PFS10L45 Datasheet HTML 2Page - PFC Device Inc. PFS10L45 Datasheet HTML 3Page - PFC Device Inc. PFS10L45 Datasheet HTML 4Page - PFC Device Inc. PFS10L45 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10A 45V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
PFS10L45
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
10
A
VRRM
45
V
VF@ 10A , Tj=125
oC
0.45
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS10L45
DO-201AD


Similar Part No. - PFS10L45

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS10L60 PFC-PFS10L60 Datasheet
561Kb / 5P
10A 60V MOS Schottky Rectifier
More results

Similar Description - PFS10L45

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSP10U45S TSC-TSP10U45S_15 Datasheet
233Kb / 5P
10A, 45V Trench Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
P10V45 YFWDIODE-P10V45 Datasheet
319Kb / 4P
10A 45V MOS Schottky Rectifier
P10V45-TO277 YFWDIODE-P10V45-TO277 Datasheet
709Kb / 4P
10A 45V MOS Schottky Rectifier
P10V50SP-TO277 YFWDIODE-P10V50SP-TO277 Datasheet
709Kb / 4P
10A 45V MOS Schottky Rectifier
P10V60SP-TO277 YFWDIODE-P10V60SP-TO277 Datasheet
709Kb / 4P
10A 45V MOS Schottky Rectifier
logo
PFC Device Inc.
P10L45SP PFC-P10L45SP Datasheet
722Kb / 5P
10A 45V MOS Schottky Rectifier
P10V45SP PFC-P10V45SP Datasheet
723Kb / 5P
10A 45V MOS Schottky Rectifier
PFR10L45CT PFC-PFR10L45CT Datasheet
774Kb / 7P
10A 45V MOS Schottky Rectifier
PFR10V45CT PFC-PFR10V45CT Datasheet
774Kb / 7P
10A 45V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP10M45SH TSC-TSUP10M45SH Datasheet
432Kb / 5P
10A, 45V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com