Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM2R5N06CTF Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PRM2R5N06CTF
Description  60V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM2R5N06CTF Datasheet(HTML) 1 Page - PFC Device Inc.

  PRM2R5N06CTF Datasheet HTML 1Page - PFC Device Inc. PRM2R5N06CTF Datasheet HTML 2Page - PFC Device Inc. PRM2R5N06CTF Datasheet HTML 3Page - PFC Device Inc. PRM2R5N06CTF Datasheet HTML 4Page - PFC Device Inc. PRM2R5N06CTF Datasheet HTML 5Page - PFC Device Inc. PRM2R5N06CTF Datasheet HTML 6Page - PFC Device Inc. PRM2R5N06CTF Datasheet HTML 7Page - PFC Device Inc. PRM2R5N06CTF Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
60V Single N-Channel MOSFET
Apr-2018
Version 4.1
1 / 8
PFC Device Corporation
PRM2R5N06CTF
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
VDS
60
V
ID (TC=25℃)
95.8
A
Max. RDS(ON)@VGS=10V
2.5
mΩ
Ω
Ω
Ω
TJ Operating Junction
Temperature
-55 to +150
oC
General Description
The N-Channel enhancement mode power
field effect transistor is using trench DMOS
technology. This advanced technology has
been especially tailored to minimize
on-state resistance, provide superior
switching performance, and withstand high
energy pulse in the avalanche and
commutation mode. The device is well
suited for high efficiency fast switching
applications.
Typical Applications
Charger Adapter
Power Tools
LED Lighting
Features
Max. RDS(ON)=2.5mΩ@VGS=10V
Improved dv/dt capability
Fast switching
100% EAS Guaranteed
Green Device Available
PRM2R5N06CTF
ITO-220
G
D
S


Similar Part No. - PRM2R5N06CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM2R5N06CT PFC-PRM2R5N06CT Datasheet
828Kb / 8P
60V Single N-Channel MOSFET
PRM2R5N06CTB PFC-PRM2R5N06CTB Datasheet
843Kb / 8P
60V Single N-Channel MOSFET
More results

Similar Description - PRM2R5N06CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM5R2N06S8 PFC-PRM5R2N06S8 Datasheet
802Kb / 8P
60V Single N-Channel MOSFET
PRM5R6N06N5 PFC-PRM5R6N06N5 Datasheet
811Kb / 7P
60V Single N-Channel MOSFET
PRM8R5N06D PFC-PRM8R5N06D Datasheet
864Kb / 8P
60V Single N-Channel MOSFET
PRM9R0N06N5 PFC-PRM9R0N06N5 Datasheet
874Kb / 8P
60V Single N-Channel MOSFET
PRM9R0N06S8 PFC-PRM9R0N06S8 Datasheet
806Kb / 8P
60V Single N-Channel MOSFET
PRM012N06E PFC-PRM012N06E Datasheet
849Kb / 8P
60V Single N-Channel MOSFET
PRM017N06D PFC-PRM017N06D Datasheet
857Kb / 8P
60V Single N-Channel MOSFET
PRM017N06S8 PFC-PRM017N06S8 Datasheet
797Kb / 8P
60V Single N-Channel MOSFET
PRM020N06D PFC-PRM020N06D Datasheet
859Kb / 8P
60V Single N-Channel MOSFET
PRM021N06S8 PFC-PRM021N06S8 Datasheet
810Kb / 8P
60V Single N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com