Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1163 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1163
Description  AUDIO PROCESSOR with Subwoofer Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1163 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1163 Datasheet HTML 3Page - New Japan Radio NJW1163 Datasheet HTML 4Page - New Japan Radio NJW1163 Datasheet HTML 5Page - New Japan Radio NJW1163 Datasheet HTML 6Page - New Japan Radio NJW1163 Datasheet HTML 7Page - New Japan Radio NJW1163 Datasheet HTML 8Page - New Japan Radio NJW1163 Datasheet HTML 9Page - New Japan Radio NJW1163 Datasheet HTML 10Page - New Japan Radio NJW1163 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NJW1163/A
-7 -
!TERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
5
27
TONE-La
TONE-Lb
Bass(tone control) filter terminal
V+/2
8
AGC1
Capacitor connection terminal for
AGC attack and recovery time setting
AGC;
OFF=0.65V
ON=1.4V
9
AUX0
Auxiliary 3 values voltage output terminal
Low=0V
Mid=2.5V
High= 5.0V
10
AUX1
Auxiliary 2 values voltage output terminal
(Open collector type output)
Low=0V
High=3.5V to
V+
11
12
13
PORT0
PORT1
ADR
Logic input terminal
Logic input terminal
Slave address setting terminal
(Don’t apply over 5V to these terminals)
-
12k
5, 27pin
FB
12k
400
400
12k
8pin
9pin
FB
1k
12k
10pin
560
5V
11, 12, 13pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com