Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7702 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7702
Description  Single Rail CODEC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7702 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7702 Datasheet HTML 8Page - OKI electronic componets MSM7702 Datasheet HTML 9Page - OKI electronic componets MSM7702 Datasheet HTML 10Page - OKI electronic componets MSM7702 Datasheet HTML 11Page - OKI electronic componets MSM7702 Datasheet HTML 12Page - OKI electronic componets MSM7702 Datasheet HTML 13Page - OKI electronic componets MSM7702 Datasheet HTML 14Page - OKI electronic componets MSM7702 Datasheet HTML 15Page - OKI electronic componets MSM7702 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
¡ Semiconductor
MSM7702-01/02/03
12/17
AC Characteristics (Continued)
DIS
4.6 kHz to
30
32
—
dB
Digital Output Delay Time
tSD
20
—
200
tXD1
20
—
200
tXD2
20
—
200
tXD3
20
—
200
ns
Discrimination
0
0 to
4000 Hz
CL = 100 pF
S
300 to
—
–37.5
–35
dBmO
Out-of-band Spurious
0
4.6 kHz to
IMD
fa = 470
—
–52
–35
dBmO
Intermodulation Distortion
–4
2fa – fb
PSR T
0 to
—30—
dB
Power Supply Noise Rejection Ratio
50 mVPP
*5
PSR R
72 kHz
3400
fb = 320
50 kHz
100 kHz
Condition
(VDD = 2.7 V to 3.8 V, Ta = –30°C to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Level
(dBm0)
Freq.
(Hz)
*5 The measurement under idle channel noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com