Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC191 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC191
Description  MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC191 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC191 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC191 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC191 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC191 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC191 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC191 Datasheet HTML 6Page - National Semiconductor (TI) MM74HC191 Datasheet HTML 7Page - National Semiconductor (TI) MM74HC191 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5322
January 1988
MM54HC190MM74HC190 Synchronous
Decade UpDown Counters with Mode
Control MM54HC191MM74HC191
Synchronous Binary UpDown Counters
with Mode Control
General Description
These high speed synchronous counters utilize advanced
silicon-gate CMOS technology They possess the high noise
immunity and low power consumption of CMOS technology
along with the speeds of low power Schottky TTL
These circuits are synchronous reversible updown count-
ers The MM54HC191MM74HC191 are 4-bit binary count-
ers and the MM54HC190MM74HC190 are BCD counters
Synchronous operation is provided by having all flip-flops
clocked simultaneously so that the outputs change simulta-
neously when so instructed by the steering logic This mode
of operation eliminates the output counting spikes normally
associated with asynchronous (ripple clock) counters
The outputs of the four master-slave flip-flops are triggered
on a low-to-high level transition of the clock input if the
enable input is low A high at the enable input inhibits count-
ing The direction of the count is determined by the level of
the downup input When low the counter counts up and
when high it counts down
These counters are fully programmable that is the outputs
may be preset to either level by placing a low on the load
input and entering the desired data at the data inputs The
output will change independent of the level of the clock in-
put This feature allows the counters to be used as modulo-
N dividers by simply modifying the count length with the
preset inputs
Two outputs have been made available to perform the cas-
cading function ripple clock and maximumminimum count
The latter output produces a high-level output pulse with a
duration approximately equal to one complete cycle of the
clock when the counter overflows or underflows The ripple
clock output produces a low-level output pulse equal in
width to the low-level portion of the clock input when an
overflow or underflow condition exists The counters can be
easily cascaded by feeding the ripple clock output to the
enable input of the succeeding counter if parallel clocking is
used or to the clock input if parallel enabling is used The
maximumminimum count output can be used to accom-
plish look-ahead for high-speed operation
Features
Y
Level changes on Enable or DownUp can be made re-
gardless of the level of the clock input
Y
Wide power supply range 2 – 6V
Y
Low quiescent supply current 80 mA maximum
(74HC Series)
Y
Low input current 1 mA maximum
Connection Diagram
Dual-In-Line Package
TLF5322 – 1
Top View
Load
Enable
Down
Clock
Function
GUp
HL
L
u
Count Up
HL
H
u
Count Down
L
X
X
X
Load
H
H
X
X
No Change
Asynchronous inputs Low input to load sets QA e A
QB e B QC e C and QD e D
Order Number MM54HC190191 or MM74HC190191
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC191

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC192 NSC-MM74HC192 Datasheet
180Kb / 8P
Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
MM74HC193 NSC-MM74HC193 Datasheet
180Kb / 8P
Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
MM74HC194 NSC-MM74HC194 Datasheet
135Kb / 6P
4-Bit Bidirectional Universal Shift Register
MM74HC194J NSC-MM74HC194J Datasheet
135Kb / 6P
4-Bit Bidirectional Universal Shift Register
MM74HC194N NSC-MM74HC194N Datasheet
135Kb / 6P
4-Bit Bidirectional Universal Shift Register
More results

Similar Description - MM74HC191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
Hitachi Semiconductor
HD74LS668 HITACHI-HD74LS668 Datasheet
103Kb / 7P
Synchronous Up/Down Decade Counters
logo
Texas Instruments
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
logo
National Semiconductor ...
DM54LS190 NSC-DM54LS190 Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Texas Instruments
CD54HC190 TI-CD54HC190 Datasheet
614Kb / 26P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
National Semiconductor ...
MM54HCT193 NSC-MM54HCT193 Datasheet
117Kb / 8P
Synchronous Binary Up/Down Counters
January 1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com