Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2703 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2703
Description  3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2703 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2703 Datasheet HTML 2Page - New Japan Radio NJM2703 Datasheet HTML 3Page - New Japan Radio NJM2703 Datasheet HTML 4Page - New Japan Radio NJM2703 Datasheet HTML 5Page - New Japan Radio NJM2703 Datasheet HTML 6Page - New Japan Radio NJM2703 Datasheet HTML 7Page - New Japan Radio NJM2703 Datasheet HTML 8Page - New Japan Radio NJM2703 Datasheet HTML 9Page - New Japan Radio NJM2703 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2703
-7 -
s
s
s
sTYPICAL CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
01
2
3
45
6
7
Supply Current vs. Supply Voltage
Supply Voltage [V]
Ta=25degrees
BYPASS
Surround
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50
-25
0
255075
100
125
Supply Current vs. Ambient Temperature
Ambient Temperature [degrees]
V+=3V
BYPASS
Surround
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
45
6
7
Reference Voltage vs. Supply Voltage
Supply Voltage [V]
Ta=25degrees
-15
-10
-5
0
5
10
01
2
3
45
6
7
Maximum Input Voltage vs. Supply Voltage (BYPASS)
Supply Voltage [V]
Vin=Lch f=1kHz Vout=Lch RL=10kohm
THD=1% Ta=25degrees
-30
-25
-20
-15
-10
-5
01
2
3
45
6
7
Maximum Input Voltage vs. Supply Voltage (Surround)
Supply Voltage [V]
Vin=Lch f=100Hz Vout=Lch RL=10kohm VR=MAX
THD=1% Ta=25degrees
1
1.05
1.1
1.15
1.2
1.25
1.3
-50
-25
0
255075
100
125
Reference Voltage vs. Ambient Temperature
Ambient Temperature [degrees]
V+=3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com