Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1141 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1141
Description  AUDIO PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1141 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1141 Datasheet HTML 3Page - New Japan Radio NJW1141 Datasheet HTML 4Page - New Japan Radio NJW1141 Datasheet HTML 5Page - New Japan Radio NJW1141 Datasheet HTML 6Page - New Japan Radio NJW1141 Datasheet HTML 7Page - New Japan Radio NJW1141 Datasheet HTML 8Page - New Japan Radio NJW1141 Datasheet HTML 9Page - New Japan Radio NJW1141 Datasheet HTML 10Page - New Japan Radio NJW1141 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NJW1141
-7 -
TERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
11
12
CVa
CVb
Pop Noise Reduction for Ach
Volume & Balance
Pop Noise Reduction for Bch
Volume & Balance
V+/2 - 0.7V
13
14
SDA
SCL
SDA Data Input (I
2C BUS)
SCL Clock Input (I
2C BUS)
-
15
GND
GND Terminal
0V
16
V+
Power Supply Terminal
V+
17
Vref
Reference Voltage
V+/2
18
19
CTL
CTH
Pop Noise reduction
for Bass Control
Pop Noise reduction
for Treble Control
V+/2 - 0.7V
8k
8k
VREG 5V
4k
SCL:GND
SDA:ACK
200k
36k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com