Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTR30V120CTF Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PTR30V120CTF
Description  30A 120V HPTR Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PTR30V120CTF Datasheet(HTML) 1 Page - PFC Device Inc.

  PTR30V120CTF Datasheet HTML 1Page - PFC Device Inc. PTR30V120CTF Datasheet HTML 2Page - PFC Device Inc. PTR30V120CTF Datasheet HTML 3Page - PFC Device Inc. PTR30V120CTF Datasheet HTML 4Page - PFC Device Inc. PTR30V120CTF Datasheet HTML 5Page - PFC Device Inc. PTR30V120CTF Datasheet HTML 6Page - PFC Device Inc. PTR30V120CTF Datasheet HTML 7Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
30A 120V HPTR® Schottky Rectifier
Apr-2018
Version 4.4
1 / 7
PFC Device Corporation
PTR30V120CT
PTR30V120CTF
PTR30V120CTI
PTR30V120CT
B
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
15 × 2
A
VRRM
120
V
VF@ 15A , Tj=125
oC
0.61
V, typ.
TJ Operating Junction
Temperature
-40 to +150
oC
Features
Super Low Forward Voltage ( SLVF® ) Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for ultra-low forward voltage
drop to maximize efficiency in Power Supply
applications
PTR30V120CT
TO-220AB
PTR30V120CTF
ITO-220AB
PTR30V120CTI
TO-262
PTR30V120CTB
TO-263


Similar Part No. - PTR30V120CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PTR30V100CT PFC-PTR30V100CT Datasheet
778Kb / 7P
30A 100V HPTR Schottky Rectifier
PTR30V100CTF PFC-PTR30V100CTF Datasheet
778Kb / 7P
30A 100V HPTR Schottky Rectifier
PTR30V100CTI PFC-PTR30V100CTI Datasheet
778Kb / 7P
30A 100V HPTR Schottky Rectifier
More results

Similar Description - PTR30V120CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PT10V120SP PFC-PT10V120SP Datasheet
728Kb / 5P
10A 120V HPTR Schottky Rectifier
PT12L120SP PFC-PT12L120SP Datasheet
730Kb / 5P
12A 120V HPTR Schottky Rectifier
PT15L120SP PFC-PT15L120SP Datasheet
728Kb / 5P
15A 120V HPTR Schottky Rectifier
PTR30L120CT PFC-PTR30L120CT Datasheet
777Kb / 7P
30A 120V HPTR Schottky Rectifier
PTR30L120S PFC-PTR30L120S Datasheet
779Kb / 7P
30A 120V HPTR Single Schottky Rectifier
PTR40V120CT PFC-PTR40V120CT Datasheet
779Kb / 7P
40A 120V HPTR Schottky Rectifier
PTR10120CT PFC-PTR10120CT Datasheet
773Kb / 7P
10A 120V HPTR Schottky Rectifier
PTR30120CT PFC-PTR30120CT Datasheet
774Kb / 7P
30A 120V HPTR Schottky Rectifier
PTR40120CT PFC-PTR40120CT Datasheet
778Kb / 7P
40A 120V HPTR Schottky Rectifier
PTS10V120 PFC-PTS10V120 Datasheet
565Kb / 5P
10A 120V HPTR Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com