Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY31P Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SY31P
Description  Magnetic Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY31P Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SY31P Datasheet HTML 1Page - Sanyou Corporation Limited SY31P Datasheet HTML 2Page - Sanyou Corporation Limited SY31P Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/21
Model
Nominal switching capacity res load
(
.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
1
.
m
Max
Ω
20
.
.
msec Max
1,000
.(
500 )
M
Min DC
V
Ω
AC
V
Hz
3,000 ,50/60
1min
AC
V
Hz
4,000 ,50/60
1min
Silver alloy
Between open contacts:
Between coil and contact:
-40
℃~+70℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
1,800
./ )
at
ops h
(
120
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
Contact material
Initial contact resistance at VDC A
(
6
1 )
Operate time at nominalvolt
(
.)
Release time at nominalvolt
(
.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(
)
operations
Ambient temperature
Characteristic Data
CoilData
at
(
20
℃)
20
.
.
msec Max
10 000
,
cycles
70% of
nominal
voltage
70% of
nominal
voltage
Features
●90
.
A contact switching capability
●
-
.
Low coil power consumption and Pulse driven
●
3
.
Dielectric Strength of KV between open contacts
●
-
.
Excellent anti shock ability and high reliability
●
.
Both single and dual coil relay available
SANYOURELAYS
Relays for advanced technology
Magnetic
Latching Relay
Singlecoil
resistance
±10%(Ω)
Operate
voltage
(
.)
Max
Release
voltage
(
.)
Max
Nominal
operating
power
Nominal
voltage
(
)
VDC
Dualcoil
resistance
±10%(Ω)
Pulse
duration
(
)
ms
SY
P Series
31 -
VersionV
: 1.4
100 G Min.
10 G Min.
100,000 cycles
Standard
5
6
9
12
24
48
16.6
24
54
96
384
1,536
100
.
Min
1.5
/3.0
W
W
8.3
12
27
48
192
768
8.3
12
27
48
192
768
●
Conform to JB/T 12762-2015 standards,
SY
P
31
90
250
A
VAC
90A
250 VAC
22,500 VA
Single/Dual:
● Environmental friendly product (RoHS Compliant)
bear with short circuit current of 6000A(co-t-co)


Similar Part No. - SY31P

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SY31A SANYOU-SY31A Datasheet
214Kb / 3P
Magnetic Latching Relay
SY31A-80-105DB1R SANYOU-SY31A-80-105DB1R Datasheet
214Kb / 3P
Magnetic Latching Relay
SY31A-80-105DB2R SANYOU-SY31A-80-105DB2R Datasheet
214Kb / 3P
Magnetic Latching Relay
SY31A-80-105LB1R SANYOU-SY31A-80-105LB1R Datasheet
214Kb / 3P
Magnetic Latching Relay
SY31A-80-105LB2R SANYOU-SY31A-80-105LB2R Datasheet
214Kb / 3P
Magnetic Latching Relay
More results

Similar Description - SY31P

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
Magnetic Latching Relay
SY31D SANYOU-SY31D Datasheet
281Kb / 3P
Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
Magnetic Latching Relay
SY32C SANYOU-SY32C Datasheet
329Kb / 4P
Magnetic Latching Relay
SY32M SANYOU-SY32M Datasheet
640Kb / 5P
Magnetic Latching Relay
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
Magnetic Latching Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com