Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7909DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7909DN
Description  Dual P-Channel 12-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7909DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7909DN Datasheet HTML 1Page - Vishay Siliconix SI7909DN Datasheet HTML 2Page - Vishay Siliconix SI7909DN Datasheet HTML 3Page - Vishay Siliconix SI7909DN Datasheet HTML 4Page - Vishay Siliconix SI7909DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si7909DN
New Product
Document Number: 71996
S-51210–Rev. C, 27-Jun-05
www.vishay.com
1
Dual P-Channel 12-V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFETS: 1.8-V Rated
New Low Thermal Resistance PowerPAK®
Package
Advanced High Cell Density Process
Ultra-Low rDS(on), and High PD Capability
APPLICATIONS
Load Switch
PA Switch
Battery Switch
Bi-Directional Switch
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
–12
0.037 @ VGS = –4.5 V
–7.7
0.048 @ VGS = –2.5 V
–6.8
0.068 @ VGS = –1.8 V
–5.7
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7909DN-T1
Si7909DN–T1–E3 (Lead (Pb)–free)
P-Channel MOSFET
S1
D1
G1
P-Channel MOSFET
S2
D2
G2
Notes
a. Surface Mounted on 1“ x 1“ FR4 Board.
b. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is
not required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
* Pb containing terminations are not RoHS compliant, exemptions may apply
ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
–12
V
Gate-Source Voltage
VGS
±8
Continuous Drain Current (TJ = 150°C)
a
TA = 25°C
ID
–7.7
–5.3
A
TA = 85°C
–5.5
–3.8
Pulsed Drain Current
IDM
–20
Continuous Source Current (Diode Conduction)a
IS
–2.3
–1.1
Maximum Power Dissipationa
TA = 25°C
PD
2.8
1.3
W
TA = 85°C
1.5
0.85
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
°C
Soldering Recommendations (Peak Temperature)b,c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 sec
RthJA
35
44
°C/W
Steady State
75
94
Maximum Junction-to-Case
Steady State
RthJC
45
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - SI7909DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7909DN VISHAY-SI7909DN Datasheet
91Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
07-Jul-08
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
07-Jul-08
More results

Similar Description - SI7909DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
25-Nov-02
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
29-Mar-04
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
Dual P-Channel 12-V (D-S) MOSFET
24-Jul-06
SI1917EDH VISHAY-SI1917EDH_08 Datasheet
72Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
07-Mar-01
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
Dual P-Channel 12 V (D-S) MOSFET
25-Jan-10
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
18-May-09
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
Dual P-Channel 12-V (D-S) MOSFET
07-Jul-08
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
Dual P-Channel 12 V (D-S) MOSFET
03-May-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com