Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635E/SL Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC12F635E/SL
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635E/SL Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC12F635E/SL Datasheet HTML 35Page - Microchip Technology PIC12F635E/SL Datasheet HTML 36Page - Microchip Technology PIC12F635E/SL Datasheet HTML 37Page - Microchip Technology PIC12F635E/SL Datasheet HTML 38Page - Microchip Technology PIC12F635E/SL Datasheet HTML 39Page - Microchip Technology PIC12F635E/SL Datasheet HTML 40Page - Microchip Technology PIC12F635E/SL Datasheet HTML 41Page - Microchip Technology PIC12F635E/SL Datasheet HTML 42Page - Microchip Technology PIC12F635E/SL Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 37
PIC12F635/PIC16F636/639
3.7.1
FAIL-SAFE CONDITION CLEARING
The Fail-Safe condition is cleared after a Reset, the
execution of a SLEEP instruction, or a modification of the
SCS bit. While in Fail-Safe condition, the PIC12F635/
PIC16F636/639 uses the internal oscillator as the
system clock source. The IRCF bits (OSCCON<6:4>)
can be modified to adjust the internal oscillator
frequency without exiting the Fail-Safe condition.
The Fail-Safe condition must be cleared before the
OSFIF flag can be cleared.
FIGURE 3-9:
FSCM TIMING DIAGRAM
3.7.2
RESET OR WAKE-UP FROM SLEEP
The FSCM is designed to detect oscillator failure at any
point after the device has exited a Reset or Sleep
condition and the Oscillator Start-up Timer (OST) has
expired. If the external clock is EC or RC mode,
monitoring will begin immediately following these
events.
For LP, XT or HS mode, the external oscillator may
require a start-up time considerably longer than the
FSCM sample clock time or a false clock failure may be
detected (see Figure 3-9). To prevent this, the internal
oscillator is automatically configured as the system
clock and functions until the external clock is stable (the
OST has timed out). This is identical to Two-Speed
Start-up mode. Once the external oscillator is stable,
the LFINTOSC returns to its role as the FSCM source.
OSCFIF
CM Output
System
Clock
Output
Sample Clock
Failure
Detected
Oscillator
Failure
Note:
The system clock is normally at a much higher frequency than the sample clock. The relative
frequencies in this example have been chosen for clarity.
(Q)
CM Test
CM Test
CM Test
Note:
Due to the wide range of oscillator start-up
times, the Fail-Safe circuit is not active
during oscillator start-up (i.e., after exiting
Reset or Sleep). After an appropriate
amount of time, the user should check the
OSTS bit (OSCCON<3>) to verify the
oscillator
start-up
and
system
clock
switchover has successfully completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com