Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR620C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPR620C
Description  ULTRA FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR620C Datasheet(HTML) 2 Page - STMicroelectronics

  STPR620C Datasheet HTML 1Page - STMicroelectronics STPR620C Datasheet HTML 2Page - STMicroelectronics STPR620C Datasheet HTML 3Page - STMicroelectronics STPR620C Datasheet HTML 4Page - STMicroelectronics STPR620C Datasheet HTML 5Page - STMicroelectronics STPR620C Datasheet HTML 6Page - STMicroelectronics STPR620C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPR620CT/CF/CFP
2/7
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Tj = 25°C
VR =VRRM
50
µA
Tj = 100°C
0.6
mA
VF**
Tj = 125
°CIF =3A
0.99
V
Tj = 125
°CIF =6A
1.20
Tj =25
°CIF =6A
1.25
Pulse test :
*tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
ELECTRICAL CHARACTERISTICS
STATIC CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 0.5A
IR =1A
Irr = 0.25A
30
ns
tfr
Tj =25
°CIF =1A
VFR =1.1xVF
tr=10ns
20
ns
VFP
Tj =25
°CIF =1A
tr=10ns
3
V
To evaluate the conduction losses use the following equation :
P=0.78xIF(AV) + 0.070 x IF
2
(RMS)
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB
Per diode
6.5
°C/W
ISOWATT220AB
TO-220FPAB
Per diode
8.5
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode 1) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
Fig. 2: Peak current versus form factor (Per diode).
Fig. 1: Average forward power dissipation versus
average forward current (Per diode).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com