Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1620CT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # STPR1620CT
Description  SUPER FAST GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

STPR1620CT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  STPR1620CT Datasheet HTML 1Page - Lite-On Technology Corporation STPR1620CT Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPR1610CT thru 1620CT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
FEATURES
Glass passivated chip
Superfast switching time for high efficiency
Low forward voltage drop and high current capability
Low reverse leakage current
High surge capacity
Plastic package has UL flammability classification
94V-0
MECHANICAL DATA
Case : TO-220AB molded plastic
Polarity : As marked on the body
Weight : 0.08 ounces, 2.24 grams
Mounting position : Any
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR =0.25A.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
STPR1610CT
100
70
100
Maximum Average Forward
Rectified Current
@TC
=120 C
Non Repetitive Peak Forward
Surge Current Per Diode
Sinusoidal (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage
Pulse Width =300us
Duty cycle
16
80
C
TJ ,TSTG
Operating and Storage Temperature Range
-55 to +150
Typical Thermal Resistance
R0JC
3.0
C/W
CJ
Typical Junction Capacitance
per element (Note 1)
80
pF
IR
@TJ =100 C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
5
100
uA
V
A
A
V
UNIT
V
V
STPR1620CT
140
200
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 2)
TRR
30
ns
TP
=10ms
TP
=8.3ms
@TJ =25 C
90
200
TO-220AB
All Dimensions in millimeter
TO-220AB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
14.22
15.88
10.67
9.65
2.54
3.43
6.86
5.84
8.26
9.28
-
6.35
12.70
14.73
0.51
2.79
N
M
L
K
J
I
1.14
2.29
0.64
0.30
3.53
4.09
3.56
4.83
1.14
1.40
2.92
2.03
PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H
PIN
13
2
SUPER FAST
GLASS PASSIVATED RECTIFIERS
REVERSE VOLTAGE - 100 to 200 Volts
FORWARD CURRENT - 16 Amperes
SEMICONDUCTOR
LITE-ON
1.1
1.0
1.25
1.20
IF=8A@TJ =25℃
IF=8A@TJ =125℃
IF=16A@TJ =25℃
IF=16A@TJ =125℃
REV. 4, 13-Sep-2001, KTGC06


Similar Part No. - STPR1620CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR1620CT STMICROELECTRONICS-STPR1620CT Datasheet
75Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Jul-1999
logo
Sirectifier Semiconduct...
STPR1620CT SIRECTIFIER-STPR1620CT Datasheet
97Kb / 2P
Ultra Fast Recovery Diodes
logo
STMicroelectronics
STPR1620CT STMICROELECTRONICS-STPR1620CT Datasheet
624Kb / 7P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Oct-2002
STPR1620CT STMICROELECTRONICS-STPR1620CT Datasheet
625Kb / 7P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Oct-2002
More results

Similar Description - STPR1620CT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com