Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIMS Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # TIMS
Description  Continually Improving Analysis Versatility and Expanding Analysis Scope
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

TIMS Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  TIMS Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD TIMS Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AI Functions Allow Measuring
Even by Novices patented
A preliminary measuring mode selects measuring
conditions automatically and a lesson mode provides
the operator with guidance on operating procedures,
making it easy for just about anyone to perform
operations.
A customize function can be used to configure the
screen with only the icons that are needed, greatly
enhancing ease of use.
Functions that Meet the Needs of the User
Standard functions included with the system include
step and surface measuring that facilitates evaluation
of printed circuit board film thickness, an overlap
function that makes it possible to compare wear
evaluations, and more.
Versatile Measured Data Analysis (Patented)
Once data is captured, the measuring reference (line,
first half, latter half, round surface, both ends, spline)
can be changed for reanalysis. The standard can also
be changed for reanalysis as many times as desired.
Fully Automated Measuring Maximizes Efficiency
Teaching functions include column down, tracing
driver, and a tilt device operation which fully automates
everything from measuring to inspection report gener-
ation.
16% Rule Automatic Pass/Fail Judgment
(Complies with JIS2001)
The 16% rule and max rule are the permissible error
standards for roughness evaluation parameters. These
rules can be configured in the roughness analysis
window. According to the 16% rule, not more than 16%
of the measured values for multiple reference lengths
can be greater than the tolerance value.
According to the max rule, the measured value should
not exceed the specified tolerance value.
Measuring screen
Analysis screen
Lesson mode
Superimposition
Roughness Peak & Valley Function (Option)
As the probe traces the surface of the workpiece, the computer detects the highest point
and lowest point, and notifies the operator of their positions. Y-direction detection is sup-
ported through the use of a CNC table.
Setup screen
Maximum point
of the specified
sampling range
is detected and
moved
Column moves from
maximum point to
measuring range
maximum value and the
distance is measured
Measuring
Range
TiMS
TiMS is short for "TOKYO SEIMITSU Integrated Mea-
suring System." It is an advanced system that provides
unrestricted access to data produced by Tokyo Seimitsu
measuring machines.
TiMS is currently being used by a large number of satisfied
customers all around the world.
Easy to operate
An AI function, customize
function, auto measuring range
expansion function, and much
more help achieve our goal of
building measuring systems
that can be used by anyone
(Patented).
Specifications
TiMS Roughness Measurement and Analysis Program
Standard
Complies with JIS2001, JIS1994, JIS1982, ISO1997, ISO1984, DIN1990, ASME1995, CNOMO
Parameter
Ra, Rq, Ry, Rp, Rv, Rc, Rz, Rmax, Rt, Rz.J, R3z, Sm, S, RΔa, RΔq, Rλa, Rλq, TILT A, Ir, Pc, Rsk, Rku, Rk, Rpk, Rvk, Mr1, Mr2, VO, K, tp, Rmr, Rmr2, Rσc, AVH, Hmax, Hmin, AREA,
NCRX, R, Rx, AR, NR, CPM, SR, SAR (Parameter judgment: The judgment result can be displayed by average value, the maximum value, minimum value, and 16% rule)
Evaluation curve
Profile curve, roughness curve, filtered waiveness curve, filtered center line waviness curve, rolling circle waiveness curve,
rolling circle center line waiveness curve, DIN4776 special curve, roughness motif curve, waiveness motif curve, envelope waviness curve
Surface characteristic graph
Bearing area curve, power spectrum curve, amplitude distribution graph
Tilt correction
Linear correction, round surface correction, first half linear correction, latter half linear correction, both end linear,
spline curve correction (linear correction and round surface correction can be possible in arbitrary range)
Filter type
Gaussian phase compensation filter, standard 2RC filter, phase compensation 2RC filters, spline filter, robust (spline) filter
Filter
Cutoff wavelength (λc): 0.008, 0.025, 0.08, 0.25, 0.8, 2.5, 8, 25, 50 mm (9 levels), arbitrary (from 0.001 mm to 50 mm) Cutoff ratio (λs): 1/30, 1/100, 1/300, 1/1000
Cutoff wavelength (λs): 0.08, 0.25, 0.8, 2.5, 8, 25, 80 μm
Number of data points
32000 max. (without λs filter), 300000 max. (with λs filter)
Magnification display
Vertical: 50 to 2000 k times (arbitrary from 1 time), Horizontal: 1 to 20 k times (arbitrary from 0.1 time)
Surface Texture – Contour
Measuring Instruments
Software
Surface Roughness Measurement and Analysis Program
Continually Improving Analysis Versatility
and Expanding Analysis Scope
TiMS Integrated
Measuring System Software
66
TOKYO SEIMITSU


Similar Part No. - TIMS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
TIM DELTA-TIM Datasheet
5Mb / 78P
Thermal performance for 45 W CPU
logo
List of Unclassifed Man...
TIM-3525 ETC2-TIM-3525 Datasheet
1Mb / 1P
Embedded Mainboard
TIM-5510 ETC2-TIM-5510 Datasheet
1Mb / 1P
Embedded Mainboard
TIM-5510-SV ETC2-TIM-5510-SV Datasheet
1Mb / 1P
Embedded Mainboard
TIM-5510-WV ETC2-TIM-5510-WV Datasheet
1Mb / 1P
Embedded Mainboard
More results

Similar Description - TIMS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066M7777E230 EPCOS-B44066M7777E230 Datasheet
139Kb / 7P
Grid analysis tool
logo
List of Unclassifed Man...
DPO4EMBD ETC2-DPO4EMBD Datasheet
1Mb / 16P
Serial Triggering and Analysis ApplicationModules
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
Motion analysis and control
logo
STMicroelectronics
AN3190 STMICROELECTRONICS-AN3190 Datasheet
584Kb / 56P
LQFP144 pinout compatibility analysis
17-Sep-2013
logo
Keysight Technologies
MATLAB KEYSIGHT-MATLAB Datasheet
3Mb / 7P
Data Analysis Software Packages
N8823A KEYSIGHT-N8823A Datasheet
3Mb / 21P
Vertical Noise Analysis Software
N8832A KEYSIGHT-N8832A Datasheet
3Mb / 7P
Data Analysis Software Packages
DSOX6JITTER KEYSIGHT-DSOX6JITTER Datasheet
1Mb / 8P
Jitter Analysis Option
86100D-201 KEYSIGHT-86100D-201 Datasheet
1Mb / 2P
Advanced Waveform Analysis Software
N9067C KEYSIGHT-N9067C Datasheet
1Mb / 12P
Pulse Analysis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com