Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO13-12AO2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO13-12AO2
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO13-12AO2 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO13-12AO2 Datasheet HTML 1Page - IXYS Corporation VBO13-12AO2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VBO 13
Standard and Avalanche Types
V
RSM
V
BRmin
V
RRM
Standard
Avalanche
V
V
V
Types
Types
900
800
VBO 13-08NO2
1300
1230
1200
VBO 13-12NO2
VBO 13-12AO2
1500
1430
1400
VBO 13-14NO2
VBO 13-14AO2
1700
1630
1600
VBO 13-16NO2
VBO 13-16AO2
① For Avalanche Types only
Symbol
Conditions
Maximum Ratings
I
dAV
T
C = 85°C, module
18
A
I
dAVM
module
30
A
P
RSM
T
VJ
= T
VJM
t = 10
µs
2.5
kW
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
220
A
V
R = 0
t = 8.3 ms (60 Hz), sine
230
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
180
A
V
R = 0
t = 8.3 ms (60 Hz), sine
190
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
240
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
220
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
160
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
150
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
1.5-2
Nm
(10-32 UNF)
13-18
lb.in.
Weight
typ.
15
g
I
dAV
= 18 A
V
RRM = 800-1600 V
Features
• Avalanche rated parts available
• Package with DCB ceramic base plate
• Isolation voltage 3600 V~
• Planar passivated chips
• Low forward voltage drop
• ¼" fast-on terminals
• UL registered E 72873
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with one screw
• Space and weight savings
• Improved temperature and power cycling
Data according to IEC 60747 and refer to a single diode unless otherwise stated
② for resistive load at bridge output, ③ with isolated fast-on tabs.
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
0.3
mA
V
R
= V
RRM;TVJ = TVJM
5mA
V
F
I
F
= 55 A;
T
VJ = 25°C
1.8
V
V
T0
For power-loss calculations only
0.85
V
r
T
T
VJ = TVJM
17
m
R
thJC
per diode; DC current
5.6
K/W
per module
1.4
K/W
R
thJK
per diode, DC current
6.0
K/W
per module
1.5
K/W
d
S
Creeping distance on surface
13
mm
d
A
Creepage distance in air
9.5
mm
a
Max. allowable acceleration
50
m/s2
Dimensions in mm (1 mm = 0.0394")
Single Phase
Rectifier Bridge
~
~
+
+
~
~


Similar Part No. - VBO13-12AO2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO130 IXYS-VBO130 Datasheet
58Kb / 1P
Single Phase Rectifier Bridge
VBO130-08NO7 IXYS-VBO130-08NO7 Datasheet
155Kb / 5P
Standard Rectifier Module
VBO130-12NO7 IXYS-VBO130-12NO7 Datasheet
155Kb / 5P
Standard Rectifier Module
VBO130-16NO7 IXYS-VBO130-16NO7 Datasheet
58Kb / 1P
Single Phase Rectifier Bridge
VBO130-18NO7 IXYS-VBO130-18NO7 Datasheet
155Kb / 5P
Standard Rectifier Module
More results

Similar Description - VBO13-12AO2

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC800 DIOTEC-KBPC800_17 Datasheet
223Kb / 2P
Single Phase Bridge Rectifier
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com