Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF68 Datasheet(PDF) 13 Page - HOPE Microelectronics CO., Ltd.

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF68 Datasheet(HTML) 13 Page - HOPE Microelectronics CO., Ltd.

Back Button RF68 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF68 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Page 13
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
Table 9
TWI Instruction Table
Byte 0
Byte 1
Byte 2
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
Instruction
0 0 0 0
(0000)
DA(15:0)
Write Application bits
0 0 0 1 1
DF(18:0)
Write Frequency bits
0 0 1 0
(0)(0010)(0010)
DT(10:0)
Write Test bits (pad protected)
0 0 1 1
(0011)
DA(15:0)
Read Application bits
0 1 0 0
(0100)
DF(15:0)
Read the 16 least significant Frequency bits
0 1 0 1
(0101)
DS(12:5)
DS(4:0)
DF(18:
16)
Read Chip version, Status and 3 most significant
Frequency bits
0 1 1 0
(0110)
DS(28:13)
Read Bist signature
0 1 1 1
(0111)
(1111)(1)
DT(10:0)
Read Test bits
1
x
Discarded, not an instruction
All 1
Recovery instruction
Notes - The first “0” transmitted to the RF68 is required to initialize communication
- The following 3 bits (highlighted in blue) determine the type of instruction
- The forthcoming bits (highlighted in green) define a protection pattern; any error in these bits voids the instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com