Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAD3430 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAD3430
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3430 Datasheet(HTML) 2 Page - DISCO Corporation

  DAD3430 Datasheet HTML 1Page - DISCO Corporation DAD3430 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
Automatic Dicing Saw
DAD3220/3230/3430
Advanced options
The cutting water flow rate controller, programmable
for each device data, helps prevent operator error
while providing a stable and consistent flow of cutting
water. The macro microscope allows for a greater field
of view and can improve usability during alignment.
Overall machine layouts have also been improved,
allowing for a transformer or UPS to be installed
internally in the DAD3220, and a transformer and UPS
to be installed on the DAD3230 and DAD3430.
Specifications
2014.11
プリアライメントステージ
Control screen
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating: 0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
Unit
3220
3230
3430
-
φ
6″/□6″
(DPR)
Cutting range
mm
160
Cutting speed
mm/sec
0.1 - 300
Cutting range
mm
Index step
mm
Index positioning
accuracy
mm
0.0015/160
(Single error)
0.0005/5
Max. stroke
mm
Moving resolution
mm
Repeatability
accuracy
mm
θ-axis
Max. rotating
angle
deg
Rated output
kW
Rated torque
N・m
Revolution speed
range
min
-1
mm
500 x 900
x 1,670
kg
Approx.550
Y-axis
0.0001
0.005/160
(Single error)
0.003/5
162
0.00005
Workpiece size
X-axis
160 / 220
(optional accessory)
0.1 - 500
730 x 900 x 1,670
0.48
3,000 - 40,000
1.5
Approx.600
Z-axis
Spindle
Machine weight
Machine dimensions
(W×D×H)
320
32.2 (φ2″ blades)
0.001
Specification
φ
6″/□6″(DPR)
(220 x 160
optional accessory)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com