Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAD3231 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAD3231
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3231 Datasheet(HTML) 2 Page - DISCO Corporation

  DAD3231 Datasheet HTML 1Page - DISCO Corporation DAD3231 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automatic Dicing Saw
DAD3221/3231
5% Reduced Cutting Time Compared to Conventional Equipment
By improving the return speed of each processing axis (X, Y, and Z) and employing a
high-speed communication method, the processing time of DAD3221 and DAD3231 has
been reduced by 5% compared to conventional equipment.
■Environmental Conditions
• Use clean, oil-free air (dew point between -10 to -20 , residual oil: 0.1 ppm, and filtration rating: 0.01μm/ 99.5% or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 and 25ºC).
• Keep cutting water and cleaning water 2ºC above room temperature (fluctuations within ±1ºC ).
• The machine should be used in an environment free from external vibration. Do not install the machine near a ventilation opening, heat-generating equipment, or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on a floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* The above specification may change due to technical modifications. Please confirm when placing your order.
* For further information, please contact your local DISCO sales representative.
Specifications
www.disco.co.jp
90
95
100
105
110
115
120
125
130
135
140
従来機
DAD3220/DAD3230
DAD3221/DAD3231
Processing time reduced by 5%
Conventional:
DAD3220/DAD3230
DAD3221/DAD3231
Measurement conditions
・Processed workpiece: ø6-inch silicon wafers
・Cutting speed: 100 mm/sec
・Index: 5 mm (CH1 & CH2)
・Alignment operation used
Unit
DAD3221
ø6″
ø8″(Option)
Cutting range
mm
160
Cutting speed
mm/s
Cutting range
mm
210
Index step
mm
Index positioning
accuracy
mm
0.002/210
(Single error) 0.002/5
Max. stroke
mm
Moving resolution
mm
Repeatability accuracy
mm
θ-axis
Max. rotatingangle
deg
Layout
-
Rated output
kW
1.8 at 60,000min
-1
Rated torque
N・m
0.29
Revolution speed
range
min
-1
6,000 - 60,000
mm
490 × 870 × 1,670
kg
420
ø6" (Square die 6 inch
Special Spec)
(Square die 8 inch Special Spec)
Workpiece size
-
32.2 (ø2"blades)
X-axis
Y-axis
210
0.0001
0.005/160
(Single error) 0.003/5
0.1 - 800
160
Machine dimensions
Machine weight
550
Single
0.00002
650 × 950 × 1,670
0.001
320
0.48
Z-axis
2.0 at 40,000 min
‐1
3,000 - 40,000
Specification
DAD3231
Spindle
2017.12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com