Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM75 Datasheet(PDF) 8 Page - HOPE Microelectronics CO., Ltd.

Part # RFM75
Description  Low Power High Performance GFSK Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM75 Datasheet(HTML) 8 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM75 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM75 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RFM75 V2.0
E‐mail:sales@hoperf.com
website://www.hoperf.com
Page 8 of 27
The PTX device stays in TX mode until it
finishes transmitting the current packet. If CE
= 0 it returns to standby-I mode. If CE = 1, the
next action is determined by the status of the
TX FIFO. If the TX FIFO is not empty the
PTX device remains in TX mode, transmitting
the next packet. If the TX FIFO is empty the
PTX device goes into standby-II mode. It is
important to never stay in TX mode for more
than 4ms at one time.
If the auto retransmit is enabled (EN_AA=1)
and
auto
acknowledge
is
required
(NO_ACK=0), the PTX device will enter TX
mode
from
standby-I
mode
when
ARD
elapsed and number of retried is less than
ARC.
*
PRX device (PRIM_RX=1)
The PRX device will enter TX mode from RX
mode only when EN_AA=1 and NO_ACK=0
in received packet to transmit acknowledge
packet with pending payload in TX FIFO.
4.6
RX Mode
*
PRX device (PRIM_RX=1)
The RX mode is an active mode where the
RFM75 radio is configured
to be a receiver.
To enter this mode from standby-I mode, the
PRX device must have the PWR_UP bit set
5 Packet Processing
high, PRIM_RX bit set high and the CE pin
set high. Or PRX device can enter this mode
from
TX
mode
after
transmitting
an
acknowledge
packet
when
EN_AA=1
and
NO_ACK=0 in received packet.
In this mode the receiver demodulates
the
signals
from
the
RF
channel,
constantly
presenting the demodulated data to the packet
processing
engine.
The
packet
processing
engine
continuously
searches
for
a
valid
packet.
If a valid
packet
is found (by a
matching
address
and
a
valid
CRC)
the
payload of the packet is presented in a vacant
slot in the RX FIFO. If the RX FIFO is full,
the received packet is discarded.
The PRX device remains in RX mode until the
MCU
configures
it to standby-I
mode
or
power down mode.
In RX mode a carrier detection (CD) signal is
available. The CD is set to high when a RF
signal
is
detected
inside
the
receiving
frequency channel. The internal CD signal is
filtered before presented to CD register. The
RF signal must be present for at least 128 µs
before the CD is set high.
*
PTX device (PRIM_RX=0)
The PTX device will enter RX mode from TX
mode only when EN_AA=1 and NO_ACK=0
to receive acknowledge packet.
5.1
Packet Format
The packet format has a preamble, address, packet control, payload and CRC field.
Preamble1byte
Address3~5byte
PacketControl 9/0bit
Payload0~32byte
CRC2/1byte
PayloadLength6bit
PID2bit
NO_ACK1bit
Figure 5 Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com