Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T06 Datasheet(PDF) 4 Page - HOPE Microelectronics CO., Ltd.

Part # T06
Description  High Conversion Speed Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

T06 Datasheet(HTML) 4 Page - HOPE Microelectronics CO., Ltd.

  T06 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. T06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev1.0 | Page 4/11
T06
www.hoperf.com
Copyright © By HopeRF
Table 2.3.
Output Pin Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Output Voltage Low
V
OL
IOL = 3mA; VDD> 2V
0.4
V
IOL = 2mA; VDD> 1.7V
0.2
V
IOL = 6mA; VDD> 2 V
0.6
V
Leakage
ILEAK
Output High
1
µA
Slew Rate
TSLEW
Digital Output Mode
5
%VDD/ns
Table 2.4.
I2C Interface Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
SCL Clock Frequency
fSCL
0
400
kHz
Start Condition Hold Time
tSDH
0.6
µs
LOW Period of SCL
tSKL
1.3
µs
HIGH Period of Clock
tSKH
0.6
µs
Set Up Time for a Repeated
Start
tSU:STA
0.6
µs
Data Hold Time
tDH
0
µs
Data Setup Time
tDS
100
µs
Set Up Time for a STOP
Condition
tSPS
0.6
µs
Bus Free Time between
STOP and START
tBUF
1.3
µs
Data Valid Time (SCL Low
to Data Valid)
tVD;DAT
0.9
µs
Data Valid Acknowledge
Time (time from SCL Low to
tVD;ACK
0.9
µs
Hysteresis
tHYST
Digital input hysteresis SDA
and SCL
7
17
%VDD
Suppressed Pulse Width
tSP
Pulses up to and including
this limit will be suppressed
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com