Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH06 Datasheet(PDF) 19 Page - HOPE Microelectronics CO., Ltd.

Part # TH06
Description  I2C HUMIDITY AND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH06 Datasheet(HTML) 19 Page - HOPE Microelectronics CO., Ltd.

Back Button TH06 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Tel:+86-755-82973805 Fax: +86-755-82973550 Email:sales@hoperf.com http://www.hoperf.com
19
----
S
5.1.1. Measuring Relative Humidity
Once a relative humidity measurement has been made, the results of the measurement may be converted to
percent relative humidity by using the following expression:
%RH = 1
----2---5
--∗-R
----H
----_
----C
----o
----d---e--- – 6
65536
Where:
%RH is the measured relative humidity value in %RH
RH_Code is the 16-bit word returned by the TH06
A humidity measurement will always return XXXXXX10 in the LSB field.
Due to normal variations in RH accuracy of the device as described in Table 4, it is possible for the measured value
of %RH to be slightly less than 0 when the actual RH level is close to or equal to 0. Similarly, the measured value
of %RH may be slightly greater than 100 when the actual RH level is close to or equal to 100. This is expected
behavior, and it is acceptable to limit the range of RH results to 0 to 100%RH in the host software by truncating
values that are slightly outside of this range.
5.1.2. Measuring Temperature
Each time a relative humidity measurement is made a temperature measurement is also made for the purposes of
temperature compensation of the relative humidity measurement. If the temperature value is required, it can be
read using command 0xE0; this avoids having to perform a second temperature measurement. The measure
temperature commands 0xE3 and 0xF3 will perform a temperature measurement and return the measurement
value, command 0xE0 does not perform a measurement but returns the temperature value measured during the
relative humidity measurement.
The checksum output is not available with the 0xE0 command.
Sequence to read temperature value from previous RH measurement
Slave
Address
W
A
0xE0
A
Sr
Slave
Address
R
A
MS Byte
A
LS Byte
NA
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com