Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH08 Datasheet(PDF) 13 Page - HOPE Microelectronics CO., Ltd.

Part # TH08
Description  HUMIDITY AND TEMPERATURE SENSOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH08 Datasheet(HTML) 13 Page - HOPE Microelectronics CO., Ltd.

Back Button TH08 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. TH08 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
13
TH08 datasheet
5. I2C Interface
The TH08 communicates with the host controller over a digital I2C interface. The 7-bit base slave address is
0x40.
Table 9. I2C Slave Address Byte
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
0
Master I2C devices communicate with the TH08 using a command structure. The commands are listed in the I2C
command table10. Commands other than TH0se documented below are undefined and should not be sent to the
device.
Table 10. I2C Command Table
Command Description
Command Code
Measure Relative Humidity, Hold Master Mode
0xE5
Measure Relative Humidity, No Hold Master Mode
0xF5
Measure Temperature, Hold Master Mode
0xE3
Measure Temperature, No Hold Master Mode
0xF3
Read Temperature Value from Previous RH Measurement
0xE0
Reset
0xFE
Write RH/T User Register 1
0xE6
Read RH/T User Register 1
0xE7
5.1. Issuing a Measurement Command
The measurement commands instruct the TH08 to perform one of two possible measurements; Relative Humidity or
Temperature. The procedure to issue any one of these commands is identical. While the measurement is in
progress, the option of either clock stretching (Hold Master Mode) or Not Acknowledging read requests (No Hold
Master Mode) is available to indicate to the master that the measurement is in progress; the chosen command
code determines which mode is used.
Optionally, a checksum byte can be returned from the slave for use in checking for transmission errors. The
checksum byte will follow the least significant measurement byte if it is acknowledged by the master. The
checksum byte is not returned if the master “not acknowledges” the least significant measurement byte. The
checksum byte is calculated using a CRC generator polynomial of x8 + x5 + x4 + 1, with an initialization of 0x00.
The checksum byte is optional after initiating an RH or temperature measurement with commands 0xE5, 0xF5,
0xE3, and 0xF3. For all other commands, the checksum byte is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com