Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH10 Datasheet(PDF) 8 Page - HOPE Microelectronics CO., Ltd.

Part # TH10
Description  SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH10 Datasheet(HTML) 8 Page - HOPE Microelectronics CO., Ltd.

Back Button TH10 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. TH10 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
| SENSOR
TH10 Datasheet
TH10_DataSheet_EN_V1.0
HOPE MICROELECTRONICS CO.,LTD
8
microcontroller with an ACK condition for the sensor to continue sending data. If the sensor does not receive an
ACK from the master after any byte of data, it will not continue sending data.
The sensor will send the temperature value first and then the relative humidity value. After having received the
checksum for the humidity value a NACK and stop condition should be sent (see Table 8).
The I2C master can abort the read transfer with a NACK condition after any data byte if it is not interested in
subsequent data, eg. the CRC byte or the sec ond measurement result, in order to save time.
In case the user needs humidity and temperature data but does not want to process CRC data, it is
recommended to read the two temperature bytes of data with the CRC byte (without proc essing the CRC data);
after having read the two humidity bytes, the read transfer can be aborted with a with a NACK.
No Clock Stretching
When a command without clock stretching has been issued, the sensor responds to a read header with a not
acknowledge (NACK), if no data is present.
Clock Stretching
When a command with clock stretching has been issued, the sensor responds to a read header with an ACK and
subsequently pulls down the SCL line. The SCL line is pulled down until the measurement is complete. As soon
as the measurement is complete, the sensor releases the SCL line and sends the measurement results.
Table 8
Table 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com