Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W256HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W256HT
Description  12 Output Buffer for 2 DDR and 3 SRAM DIMMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W256HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  W256HT Datasheet HTML 1Page - Cypress Semiconductor W256HT Datasheet HTML 2Page - Cypress Semiconductor W256HT Datasheet HTML 3Page - Cypress Semiconductor W256HT Datasheet HTML 4Page - Cypress Semiconductor W256HT Datasheet HTML 5Page - Cypress Semiconductor W256HT Datasheet HTML 6Page - Cypress Semiconductor W256HT Datasheet HTML 7Page - Cypress Semiconductor W256HT Datasheet HTML 8Page - Cypress Semiconductor W256HT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
W256
Document #: 38-07256 Rev. *C
Page 5 of 9
Switching Characteristics[4]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
–
Operating Frequency
66
180
MHz
–
Duty Cycle[4,5] = t2 ÷ t1
Measured at 1.4V for 3.3V outputs
Measured at VDD/2 for 2.5V outputs.
INDC
–5%
INDC +5%
%
t3
SDRAM Rising Edge Rate[4]
Measured between 0.4V and 2.4V
1.0
2.50
V/ns
t4
SDRAM Falling Edge Rate[4]
Measured between 2.4V and 0.4V
1.0
2.50
V/ns
t3d
DDR Rising Edge Rate[4]
Measured between 20% to 80% of
output (Refer to Figure 1)
0.5
1.50
V/ns
t4d
DDR Falling Edge Rate[4]
Measured between 20% to 80% of
output (Refer to Figure 1)
0.5
1.50
V/ns
t5
Output to Output Skew[4]
All outputs equally loaded
100
ps
t6
Output t4o Output Skew for
SDRAM[2]
All outputs equally loaded
150
ps
t7
SDRAM Buffer HH Prop. Delay[4] Input edge greater than 1 V/ns
5
10
ns
t8
SDRAM Buffer LLProp. Delay[4]
Input edge greater than 1 V/ns
5
10
ns
Switching Waveforms
Notes:
4. All parameters specified with loaded outputs.
5. Duty cycle of input clock is 50%. Rising and falling edge rate is greater than 1V/ns.
Duty Cycle Timing
t1
t2
All Outputs Rise/Fall Time
OUTPUT
t3
3.3V
0V
0.4V
2.4V
2.4V
0.4V
t4
Output-Output Skew
t5
OUTPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com