Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1011 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXCT1011
Description  High-side low drift current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1011 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXCT1011 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 6Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 7Page - Zetex Semiconductors ZXCT1011 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1- July 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
ZXCT1011
High-side low drift current monitor
Description
The ZXCT1011 is a high side current sense monitor. Using this type of device eliminates the need
to disrupt the ground plane when sensing a load current.
The ZXCT1011 takes the voltage developed across a current shunt resistor and translates it into a
proportional output current.
A user defined output resistor scales the output current into a ground referenced voltage.
A current reference resistor, external to the IC, results in an improved temperature coefficient
compared to the ZXCT1009.
The wide input voltage range of 20V down to as low as 2.5V make it suitable for a range of
applications. With a minimum operating current of just 4uA, combined with its SOT23-5 package
make it suitable for portable battery equipment too.
Features
■ Accurate high-side current sensing
■ 2.5V to 20V supply range
■ 4 µA quiescent current
■ 1% typical accuracy
■ Package SOT23-5
■ Temperature range -40 to 125°C
Applications
■ Automotive current measurement
■ Battery management
■ DC motor and solenoid control
■ Over current monitor
■ Power management
Typical application circuit
Pin connections
Ordering information
Vin
Load
V
Rsense
ZXCT1011
Vsense+
I out
GND
Vsense-
Rshunt
120
Ω
5
4
2
3
Rout
N/C
Iout
Rshunt
Vsense+
Vsense-
Order code
Pack
Part
mark
Reel Size
inches (mm)
Tape width
Quantity Per
reel
ZXCT1011E5TA
SOT23-5
1011
7 (180)
8mm
3,000


Similar Part No. - ZXCT1011

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
High-side low drift current monitor
JULY 2005
ZXCT1011E5TA DIODES-ZXCT1011E5TA Datasheet
295Kb / 8P
High-side low drift current monitor
JULY 2005
More results

Similar Description - ZXCT1011

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
High-side low drift current monitor
JULY 2005
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
Low offset high-side current monitor
JULY 2007
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
Low offset high-side current monitor
MARCH 2008
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com