Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6240 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFD6240
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6240 Datasheet(HTML) 1 Page - DISCO Corporation

  DFD6240 Datasheet HTML 1Page - DISCO Corporation DFD6240 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Next generation single spindle dicing saw
Among the world’s smallest fully automatic
dicing saws
The DFD6240 features the advanced functions and spindle lineup of the
DISCO 6000 series, which has been proven at facilities around the globe. By
optimizing the frame structure and handling section layout, it has a footprint
on par with that of a semi-automatic unit (DISCO's DAD3350), even though it
is equipped with all the functions of a fully automatic saw (size reduced by
about 20% from the DFD641). The high power spindle supports the
processing of not only silicon but also ceramic, glass and other materials
difficult-to-cut materials characterized by their high cutting load.
Factory-friendly design
Reduced energy and air consumption contribute to lower running costs
and environmental impact.
Condition monitor relays processing status and key machine information
in real time for use in machine inspections and process management.
DFD6240
Fully Automatic Dicing Saw
Control screen
Condition monitor screen
Improved usability
Spindle shaft-lock feature and auto-open/close wheel cover (accessible from
the machine front) make blade changes easy and quick.
Touch-panel display supports an easy-to-use graphical user interface.
Higher throughput
Increased speed ranges and return speeds for the equipment axes contributes
to improved dicing throughput.
Improved cut quality
DFD6240 offers highly consistent and dependable cut quality through the new
Synchro Spindle™ for superior radial rigidity. The cutting water flow rate
controller, programmable via the touch-panel display, sets the flow rate for
each process recipe. Atomizing nozzle technology (option, patented in the USA,
Japan, and other countries) is available for the wheel cover, where it effectively
reduces particle adhesion, and the spinner cleaning unit, where it yields
exceptionally clean wafers after dicing.
Spindle Lineup
1.2 kW spindle (standard) features superior rigidity.
Center thrust design adds support for high processing load workpieces
including glasses, ceramics, and other materials when selecting the 1.8 kW
spindle (option, uses 2" blades) or 2.2 kW spindle (option, uses 3" blades)
LCD touch screen


Similar Part No. - DFD6240

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD6240

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
DFD6450 DISCO-DFD6450 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
DFD6561 DISCO-DFD6561 Datasheet
421Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFD6760 DISCO-DFD6760 Datasheet
276Kb / 2P
Fully Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com