Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6340 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFD6340
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6340 Datasheet(HTML) 1 Page - DISCO Corporation

  DFD6340 Datasheet HTML 1Page - DISCO Corporation DFD6340 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximized throughput
The DFD63400 features a facing dual-spindle configuration with a
shorter distance between blades, which improves throughput by up to
30 % for step/bevel cut and 40 % for dual cut when compared with
parallel dual spindle dicing saws.
Small footprint
By employing a new high-rigidity, bridge-type frame structure, the
DFD6340 has the smallest footprint of any 8" saw in its class.
Lower air and energy consumption
Utilizing the latest in conservation technology, the energy and air
consumption of the DFD6340 has been reduced by 33 % and 24 %
respectively when compared to the previous generation of saws.
Consistent cut quality
The DFD6340 offers consistent cut quality with the adoption of a
Synchro SpindleTM featuring superior radial rigidity. An atomizing
nozzle cleaning mechanism can also be included in the spinner unit as
an option to effectively clean wafers after dicing (Patent no. 3410385).
DFD6340
Standard dual spindle dicing saw
Fully Automatic Dicing Saw
Cost of ownership improvements
 Shorter set up time - two NCS sensors
Two Non-Contact Setup sensors, one each for Z1 & Z2, enables increased
throughput.
 Shorter kerf check time - two microscopes
A dedicated high-magnification microscope for each spindle allows for
simultaneous kerf checking for increased throughput.
Minimized X axis
movement


Similar Part No. - DFD6340

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD6340

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
DFD6450 DISCO-DFD6450 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
DFD6561 DISCO-DFD6561 Datasheet
421Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFD6760 DISCO-DFD6760 Datasheet
276Kb / 2P
Fully Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com