Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6341 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFD6341
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6341 Datasheet(HTML) 1 Page - DISCO Corporation

  DFD6341 Datasheet HTML 1Page - DISCO Corporation DFD6341 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Offering improved productivity of fully
automatic dual spindle dicing saws by
introducing measures to increase
throughput with proven records in the
field
DFD6341
New standard dual spindle dicing saw
Fully Automatic Dicing Saw
High speed type:
600 mm/sec
Space - saving design
The footprint is reduced by 3% from the DFD6340. Four different
accessories: the transformer, UPS (uninterruptible power supply), CO2
injector, and booster pressure pump can be included internally without
expanding the footprint.
Easy operation
A GUI (graphical user interface) which has been recognized as easy to use
on existing models has been included on the DFD6341. Combined with an
LCD touch panel, the DFD6341 offers stress-free operation for operators.
High speed flash alignment (optional)
High speed flash alignment combines a xenon flash lamp and a high speed
CCD shutter for high speed
Combines a xenon flash lamp and a high-speed CCD shutter to perform high
speed alignment without the need to stop the chuck table, which reduces
alignment time and increases throughput.
Conventional type: 100mm/sec
The DFD6341 is the latest fully automatic dual spindle dicing saw for
ø8-inch wafers. It incorporates the throughput enhancement
technologies pioneered in the DFD6362 for ø300 mm wafers.
A new axis mechanism increases the X-axis feed speed to 1,000
mm/sec. Improved acceleration and deceleration performance for
each axis increases the distance where the axis moves at the
maximum speed for substantially improved throughput.
Optimization of the parts used increases the speed of the major
transport units.
A shorter distance between the spindles allows for less processing
time during dual cut.


Similar Part No. - DFD6341

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD6341

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
DFD6450 DISCO-DFD6450 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
DFD6561 DISCO-DFD6561 Datasheet
421Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFD6760 DISCO-DFD6760 Datasheet
276Kb / 2P
Fully Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com