Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6362 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFD6362
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6362 Datasheet(HTML) 1 Page - DISCO Corporation

  DFD6362 Datasheet HTML 1Page - DISCO Corporation DFD6362 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Realizes further productivity improvement
with various new functions
Attains a throughput improvement of about 7% compared to
existing equipment under the same conditions
Realizes higher dual cut processing speed through a shortened
distance between the spindles
Improves processing feed speed of the X-axis by refining the
axis mechanism
Achieves higher speeds for the main handling unit by optimizing
the parts used
Improves full cleaning capabilities
Includes a wheel cover structure that is effective against particle
adhesion based on water flow analysis in the vicinity of the
processing area.
Supports the installation of a chuck table water curtain (CTWC)
and cutting area atomizing nozzle for specific workpieces.
DFD6362
Dicing saw for improved productivity with
ø300 mm wafers
Fully Automatic Dicing Saw
ABC unit
Automatic Blade Changer (ABC) *optional function
Fully automates the blade replacement and precut procedures after blade
breakage and at the end of blade life and restarts processing, thus reducing
operator workload.
Since it takes sixty seconds to replace a blade, the ABC leads to substantially
shorter downtime. The equipment scans the 2D barcode on the backside of the
blade containing information on the blade type, preventing potential human
errors during blade replacement.
Advanced graphical operation software
Realizes an improvement in operability by setting operation buttons on the
same screen as the microscope picture, especially when performing operations
such as the teach operation. Also, the software is able to display the equipment
operation conditions in a clearer and more understandable way by graphically
representing the equipment conditions.
Software ver.2.0 screen


Similar Part No. - DFD6362

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD6362

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
DFD6450 DISCO-DFD6450 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
DFD6561 DISCO-DFD6561 Datasheet
421Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFD6760 DISCO-DFD6760 Datasheet
276Kb / 2P
Fully Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com