Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6363 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFD6363
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6363 Datasheet(HTML) 2 Page - DISCO Corporation

  DFD6363 Datasheet HTML 1Page - DISCO Corporation DFD6363 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fully Automatic Dicing Saw
DFD6363
Operation flow
[1] The lower arm retrieves the workpiece from the cassette. Centering is
performed at the pre-alignment stage. The lower arm moves the
workpiece to the chuck table.
→ Cutting →
[2] The upper arm moves the workpiece to the spinner table.
→ Cleaning
and drying
→
[3] The lower arm returns the workpiece to the cassette.
■Environmental conditions
• Use clean, oil-free air at a dew point of -10 – -20°C or less (Residual oil: 0.1 ppm. Filtration rating: 0.01 µm / 99.5 % or more).
• Keep room temperature within ±1°C of the specified value. (Specified value should be between 20 – 25°C.)
• Keep cutting water 2°C above room temperature (fluctuations within 1°C).
• Machines should be used in an environment free from external vibration. Do not install machines near a ventilation opening, heat generating equipment, or oil mist generating parts.
• This machine uses water. Due to the risk of water leakage, please install the machine on a floor with sufficient waterproofing and drainage measures.
*All the pressures are described using gauge pressure.
*The above specifications may change due to technical modifications. Please confirm when placing your order.
*For further information please contact your local sales representatives.
2018.12
プリアライメントステージ
スピンナテーブル
ロアアーム
アッパーアーム
門型構造
チャック
テーブル
カセット
エレベータ
www.disco.co.jp
Specification
Unit
1.8 kW, High-speed rotation
2.2 kW
Max. workpiece size
-
ø300
X-axis
Cutting range
mm
310
Cutting speed
mm/s
0.1
– 1,000
Y-axis
Cutting range
mm
310
Index step
mm
0.0001
Index positioning
accuracy
mm
0.002/310
(Single error) 0.002/5
Z-axis
Max. stroke
Mm
14.7
(For ø2” blade)
14.9
(For ø3” blade)
Moving resolution
mm
0.0000002
Repeatability
accuracy
mm
0.001
θ-axis
Max. rotation angle
deg
380
Spindle
Rated torque
N・m
0.29 (1.8 kW)
0.19 (High-speed rotation)
0.7
Revolution speed
range
min-1
6,000
– 60,000 (1.8kW)
20,000
– 80,000
(High-speed rotation)
3,000
– 30,000
Machine
dimensions
( W x D x H )
mm
1,200 x 1,550 x 1,800
Machine weight
kg
Approx. 1,800
Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com