Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6560 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFD6560
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6560 Datasheet(HTML) 2 Page - DISCO Corporation

  DFD6560 Datasheet HTML 1Page - DISCO Corporation DFD6560 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2016.11
Fully Automatic Dicing Saw
DFD6560
Specifications
プリアライメントステージ
スピンナテーブル
ロアアーム
アッパーアーム
門型構造
チャック
テーブル
カセット
エレベータ
DFD6560 operation flow
[1] Push-pull arm moves the workpiece from the cassette to the pre-
alignment stage
[2] After centering at the pre-alignment stage, the lower arm moves the
workpiece to the chuck table.
[3] Cutting
[4] Upper arm moves the workpiece to the spinner table
[5] Cleaning and drying – Lower arm moves the workpiece to the pre-
alignment stage
[6] Push-pull arm returns the workpiece to the cassette.
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating: 0.01µm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments..
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
www.disco.co.jp
Unit
1.8 kW
High speed
(option)
mm
Cutting range
mm
Cutting speed
mm/sec
Cutting range
mm
Index step
mm
Max. stroke
mm
Moving resolution
mm
Repeatability accuracy
mm
θ-axis Max. rotating angle
deg
Rated torque
N・m
0.29
0.19
mm
1,240 × 1,550
× 1,960
81mm convex
(left side)
kg
20,000 - 80,000
Machine weight
Approx. 1,640
Revolution speed range
Machine dimensions(W×D×H)
Spindle
min
-1
6,000 - 60,000
Z-axis
0.00005
0.001
380
mm
Specification
φ300
X-axis
310
0.1 - 1,000
Workpiece size
Y1・Y2
-axis
310
0.0001
14.2(For φ2″blade)
0.002/310
(Single error)0.002/5
Index positioning accuracy



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com