Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6561 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFD6561
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6561 Datasheet(HTML) 1 Page - DISCO Corporation

  DFD6561 Datasheet HTML 1Page - DISCO Corporation DFD6561 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16% reduced footprint
The DFD6561 is equipped with a newly developed short spindle and an
optimized bridge-type frame structure resulting in a 16% reduced
footprint.
All maintenance can be performed from the front of the equipment, thus
reducing the area needed for installation and maintenance areas by 20%
(compared to the DFD6362). The DFD6561 is particularly ideal when
installing multiple adjacent units.
Intuitive operation
The LCD panel allows touch operation of the alignment teach function.
Important data, such as the equipment condition and mean time
between assists (MTBA) is also displayed on screen, allowing the
operator to easily confirm the status of the equipment. Onscreen error
recovery assistance is also available.
DFD6561
A space-saving solution for ø300 mm dicing
Fully Automatic Dicing Saw
Thorough options for particle prevention
Users can select optional particle prevention measures used in other
models, such as the cut section atomizing nozzle and spinner atomizing
nozzle. A chuck table water curtain, which prevents particle adhesion
caused by wafer drying, is also available.
Concentrated maintenance area
All operations, from routine to maintenance, can be performed from the front
of the equipment. The space reduction achieved in the DFD6561 allows 5
units to be lined up in a space which would only fit 4 units for the DFD6362
at a production facility.
New high-rigidity spindle
Equipped with a new high-rigidity spindle to achieve even higher processing
stability.
Newly developed non-contact setup
Equipped with a newly developed non-contact setup which measures the
blade wear amount with high accuracy and speed.
Synchronized dicing axis (X, Y, and Z) control
Measures the height of the chuck table to which the wafer will be secured in
advance and controls the blade cutting depth with high accuracy (user-
specified).


Similar Part No. - DFD6561

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD6561

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
DFD6450 DISCO-DFD6450 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFD6760 DISCO-DFD6760 Datasheet
276Kb / 2P
Fully Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com